Electronic Components Datasheet Search
  English  ▼

X  

MP6513L Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6513L
Description  2.5V - 5.5V, 0.6A, H-Bridge Motor Driver in a TSOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6513L Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6513L Datasheet HTML 1Page - Monolithic Power Systems MP6513L Datasheet HTML 2Page - Monolithic Power Systems MP6513L Datasheet HTML 3Page - Monolithic Power Systems MP6513L Datasheet HTML 4Page - Monolithic Power Systems MP6513L Datasheet HTML 5Page - Monolithic Power Systems MP6513L Datasheet HTML 6Page - Monolithic Power Systems MP6513L Datasheet HTML 7Page - Monolithic Power Systems MP6513L Datasheet HTML 8Page - Monolithic Power Systems MP6513L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP6513L
– 2.5V - 5.5V, 0.6A, H-BRIDGE MOTOR DRIVER IN A TSOT23-6
MP6513L Rev. 1.1
www.MonolithicPower.com
2
12/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP6513LGJ
TSOT23-6
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP6513LGJ–Z)
TOP MARKING
ATV: Product code of MP6513LGJ
Y: Year code
PACKAGE REFERENCE
IN1
IN2
GND
VCC
OUT1
OUT2
TOP VIEW
TSOT23-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com