Electronic Components Datasheet Search
  English  ▼

X  

MP6513L Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6513L
Description  2.5V - 5.5V, 0.6A, H-Bridge Motor Driver in a TSOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6513L Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6513L Datasheet HTML 1Page - Monolithic Power Systems MP6513L Datasheet HTML 2Page - Monolithic Power Systems MP6513L Datasheet HTML 3Page - Monolithic Power Systems MP6513L Datasheet HTML 4Page - Monolithic Power Systems MP6513L Datasheet HTML 5Page - Monolithic Power Systems MP6513L Datasheet HTML 6Page - Monolithic Power Systems MP6513L Datasheet HTML 7Page - Monolithic Power Systems MP6513L Datasheet HTML 8Page - Monolithic Power Systems MP6513L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP6513L
2.5V - 5.5V, 0.6A, H-Bridge
Motor Driver in a TSOT23-6
MP6513L Rev. 1.1
www.MonolithicPower.com
1
12/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MP6513L is an H-bridge motor driver used
for driving reversible motors, which can drive
one DC motor, one winding of a stepper motor,
or other loads. The H-bridge consists of four N-
channel power MOSFETs. An internal charge
pump
generates
the
necessary
gate-drive
voltages.
The MP6513L operates on a motor power
supply voltage from 2.5V to 5.5V, which can
supply an
output
current
of
up to 0.6A
according to the logic control.
The MP6513L is controlled by two input pins.
The two on/off inputs determine the output
mode: forward, reverse, coast, or brake. Brake
is applied when stopping the motor (when
inputs 1 and 2 are both at a high level). Very
low standby circuit current can be achieved
when inputs 1 and 2 are both at a low level.
Full protection features include over-current
protection (OCP), short-circuit protection (SCP),
under-voltage
lockout
(UVLO),
and
over-
temperature protection (OTP).
The MP6513L requires a minimum number of
readily
available,
standard,
external
components and is available in a TSOT23-6
package.
FEATURES
 Wide 2.5V to 5.5V Operating Input Range
 0.6A Maximum Output Current
 Low MOSFET On Resistance (HS: 500mΩ;
LS: 500
mΩ)
 Forward, Reverse, Coast, or Brake Output
Modes
 Low Standby Circuit Current when Inputs 1
and 2 are Both Low
 Thermal Shutdown
 Internal Charge Pump
 Cycle-by-Cycle
Over-Current
Protection
(OCP)
 Short-Circuit Protection (SCP)
 Available in a TSOT23-6 Package
APPLICATIONS
 Cameras
 Toys
 Consumer Products
 Medical Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VCC
VCC
(2.5V-5.5V)
MP6513L
IN1
IN2
CIN
OUT2
GND
OUT1
M
M
Drives DC Motor
or ½ Stepper
DC
Motor
Stepper
Motor


Similar Part No. - MP6513L

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6513 MPS-MP6513 Datasheet
472Kb / 11P
2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
MP6513GJ MPS-MP6513GJ Datasheet
472Kb / 11P
2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
More results

Similar Description - MP6513L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8881 TI-DRV8881_15 Datasheet
1Mb / 45P
DRV8881 2.5-A Dual H-Bridge Motor Driver
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
2.5-A Dual H-Bridge Motor Driver
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
MP6513 MPS-MP6513 Datasheet
472Kb / 11P
2.5V - 21V, 0.8A, H-Bridge Motor Driver in a TSOT23-6
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com