Electronic Components Datasheet Search
  English  ▼

X  

SXLP-1100 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SXLP-1100
Description  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXLP-1100 Datasheet(HTML) 1 Page - Mini-Circuits

  SXLP-1100 Datasheet HTML 1Page - Mini-Circuits SXLP-1100 Datasheet HTML 2Page - Mini-Circuits SXLP-1100 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• Wide stopband Rejection, (>20 dB till 8.5 GHz)
• Good VSWR, 1.3:1 typical
• High rejection, 40 dB typical
• Flat Group delay, 1 ns typical
Product Overview
SXLP-1100+ is a 50Ω lowpass filter in a shielded Package (size of 0.44" x 0.74" x 0.27") fabricated using SMT tech-
nology. Covering up to 1100 MHz, these units offers low insertion loss, good matching within the passband and high
rejection. This units uses a miniature high Q capacitors and air coil inductors for high reliability. In addition it has re-
peatable performance across production lots and consistent performance across temperature.
Key Features
SXLP-1100+
50Ω
DC to 1100 MHz
CASE STYLE: HF1139
Low Pass Filter
Surface Mount
Feature
Advantages
Wide stopband (> 20 dB till 8.5 GHz)
Suitable for application which needs far-frequency attenuation, for e.g. Defense Communications.
Good VSWR, 1.3:1 typical over
passband
The model has very good return loss which provides good matching when used with other devices.
High Rejection, 40 dB typical
This enables the filter to attenuate harmonics and spurious signals.
Flat Group delay characteristics
(1 ns typical)
The model has a flat group delay of 1 ns which helps in reducing the signal distortion.


Similar Part No. - SXLP-1100

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SXLP-10 MINI-SXLP-10 Datasheet
364Kb / 1P
Low Pass Filter
SXLP-10+ MINI-SXLP-10+ Datasheet
364Kb / 1P
Low Pass Filter
SXLP-10.7 MINI-SXLP-10.7 Datasheet
363Kb / 1P
Low Pass Filter
SXLP-10.7+ MINI-SXLP-10.7+ Datasheet
363Kb / 1P
Low Pass Filter
SXLP-1000 MINI-SXLP-1000 Datasheet
364Kb / 1P
Low Pass Filter
More results

Similar Description - SXLP-1100

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com