Electronic Components Datasheet Search
  English  ▼

X  

SXLP-1100 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SXLP-1100
Description  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXLP-1100 Datasheet(HTML) 2 Page - Mini-Circuits

  SXLP-1100 Datasheet HTML 1Page - Mini-Circuits SXLP-1100 Datasheet HTML 2Page - Mini-Circuits SXLP-1100 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Surface Mount
SXLP-1100+
Applications
• Cable TV
• Receivers/transmitters
• Defense communications
• Harmonic rejection
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
1W max.
Permanent damage may occur if any of these limits are exceeded.
REV. A
M160153
SXLP-1100+
EDR-10104U
RAV/URJ/NY
161230
Features
• Flat group delay, 1 ns typical over passband
• Wide stopband rejection, (>20dB till 8.5 GHz)
• Good VSWR, 1.3 typical in passband
• High rejection, 40 dB typical
• Shielded case
• Aqueous washable
Typical Frequency Response
Functional Schematic
50Ω
DC to 1100 MHz
Low Pass Filter
SXLP-1100+
INSERTION LOSS (Full band)
0
10
20
30
40
50
60
0
1500
3000
4500
6000
7500
9000
FREQUENCY (MHz)
SXLP-1100+
VSWR
0
10
20
30
40
50
0
1500
3000
4500
6000
7500
9000
FREQUENCY (MHz)
SXLP-1100+
INSERTION LOSS (Passband)
0
10
20
30
40
50
60
0
300
600
900
1200
1500
1800
FREQUENCY (MHz)
SXLP-1100+
GROUP DELAY
1
1.3
1.6
1.9
2.2
0
300
600
900
1200
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC - 1100
—
0.9
1.5
dB
Freq. Cut-Off
F2
1225
—
3.5
—
dB
VSWR
DC-F1
DC - 1100
—
1.3
1.7
:1
Stop Band
Rejection Loss
F3-F4
1440 - 8500
20
35
—
dB
VSWR
F3-F4
1440 - 8500
—
7
—
:1
F1 F2
FREQUENCY (MHz)
F3
F4
DC
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1.0
0.02
1.00
1.00
1.05
30.0
0.05
1.02
5.00
1.11
70.0
0.09
1.04
10.00
1.10
230.0
0.20
1.12
50.00
1.09
650.0
0.39
1.16
70.00
1.09
1100.0
0.84
1.30
150.00
1.08
1180.0
2.00
2.51
200.00
1.09
1225.0
3.71
4.35
250.00
1.09
1250.0
5.02
5.95
350.00
1.11
1290.0
7.73
9.63
410.00
1.13
1350.0
15.58
16.56
450.00
1.14
1400.0
28.98
12.26
500.00
1.15
1420.0
36.47
9.43
550.00
1.17
1440.0
44.14
7.34
600.00
1.19
1550.0
38.36
14.62
700.00
1.25
3000.0
39.92
34.07
800.00
1.33
5000.0
45.67
29.96
900.00
1.45
6500.0
46.93
26.33
1000.00
1.64
7500.0
45.97
17.22
1050.00
1.82
8500.0
30.83
9.48
1100.00
2.07
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: HF1139



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com