Electronic Components Datasheet Search
  English  ▼

X  

SN74AS762 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AS762
Description  OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS762 Datasheet(HTML) 6 Page - Texas Instruments

  SN74AS762 Datasheet HTML 1Page - Texas Instruments SN74AS762 Datasheet HTML 2Page - Texas Instruments SN74AS762 Datasheet HTML 3Page - Texas Instruments SN74AS762 Datasheet HTML 4Page - Texas Instruments SN74AS762 Datasheet HTML 5Page - Texas Instruments SN74AS762 Datasheet HTML 6Page - Texas Instruments SN74AS762 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN54AS762, SN54AS763, SN74AS762, SN74AS763
OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SDAS067A – DECEMBER 1983 – REVISED MAY 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
6
’AS762 switching characteristics (see Note 1)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
PARAMETER
FROM
TO
RL = 500 Ω,
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TA = MIN to MAX†
UNIT
SN54AS762
SN74AS762
MIN
MAX
MIN
MAX
tPLH
1A
1Y
3
20
3
19
ns
tPHL
1A
1Y
1
7
1
6
ns
tPLH
2A
2Y
3
19.5
3
18.5
ns
tPHL
2A
2Y
1
7
1
6
ns
tPLH
G
1Y
3
22
3
19.5
ns
tPHL
G
1Y
1
8
1
7.5
ns
tPLH
G
2Y
3
20
3
19
ns
tPHL
G
2Y
1
8
1
7
ns
’AS763 switching characteristics (see Note 1)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
PARAMETER
FROM
TO
RL = 500 Ω,
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TA = MIN to MAX†
UNIT
SN54AS763
SN74AS763
MIN
MAX
MIN
MAX
tPLH
A
Y
3
20
3
19
ns
tPHL
A
Y
1
7
1
6
ns
tPLH
G
Y
3
22
3
19.5
ns
tPHL
G
Y
1
8.5
1
7.5
ns
tPLH
G
Y
3
22
3
20
ns
tPHL
G
Y
1
8.5
1
8
ns
† The conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com