Electronic Components Datasheet Search
  English  ▼

X  

SN74AS762 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AS762
Description  OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS762 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AS762 Datasheet HTML 1Page - Texas Instruments SN74AS762 Datasheet HTML 2Page - Texas Instruments SN74AS762 Datasheet HTML 3Page - Texas Instruments SN74AS762 Datasheet HTML 4Page - Texas Instruments SN74AS762 Datasheet HTML 5Page - Texas Instruments SN74AS762 Datasheet HTML 6Page - Texas Instruments SN74AS762 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN54ALS762, SN74ALS762
OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUT
SDAS067A – DECEMBER 1983 – REVISED MAY 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54ALS762
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS762
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54ALS762
SN74ALS762
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VOH
High-level output voltage
5.5
5.5
mA
IOL
Low level output current
12
24
mA
IOL
Low-level output current
48†
mA
TA
Operating free-air temperature
–55
125
0
70
°C
† The extended limits apply only if VCC is maintained between 4.75 V and 5.25 V. The 48-mA limit applies for the SN74ALS762-1 only.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS762
SN74ALS762
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
IOH
VCC = 4.5 V,
VOH = 5.5 V
0.1
0.1
mA
VCC = 4.5 V,
IOL = 12 mA
0.25
0.4
0.25
0.4
VOL
VCC = 4.5 V,
IOL = 24 mA
035
055
V
(IOL = 48 mA for -1 versions)
0.35
0.55
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0 .4 V
– 0.1
– 0.1
mA
ICC ’ALS762
VCC =5 5V
Outputs high
11
11
mA
ICC
ALS762
VCC = 5.5 V
Outputs low
18
18
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
’ALS762 switching characteristics (see Note 1)
VCC = 5.5 V,
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
CL = 50 pF,
PARAMETER
FROM
TO
RL = 680 Ω,
RL = 680 Ω,
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TA = 25°C
TA = MIN to MAX§
UNIT
’ALS762
SN54ALS762
SN74ALS762
TYP
MIN
MAX
MIN
MAX
tPLH
A
Y
17
ns
tPHL
A
Y
6
ns
tPLH
G
Y
14
ns
tPHL
G
Y
18
ns
§ The conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com