Electronic Components Datasheet Search
  English  ▼

X  

LW-W5AP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LW-W5AP
Description  dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-W5AP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LW-W5AP Datasheet HTML 4Page - OSRAM GmbH LW-W5AP Datasheet HTML 5Page - OSRAM GmbH LW-W5AP Datasheet HTML 6Page - OSRAM GmbH LW-W5AP Datasheet HTML 7Page - OSRAM GmbH LW-W5AP Datasheet HTML 8Page - OSRAM GmbH LW-W5AP Datasheet HTML 9Page - OSRAM GmbH LW-W5AP Datasheet HTML 10Page - OSRAM GmbH LW-W5AP Datasheet HTML 11Page - OSRAM GmbH LW-W5AP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LW W5AP
2008-11-04
8
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
I
F = f (VF); TA = 25 °C
Farbortverschiebung
2) Seite 17
Chromaticity Coordinate Shift
2) page 17
x, y =
f (I
F); TA = 25 °C
Relative Lichtstrom
2) 7) Seite 18
Relative Luminous Flux
2) 7) page 18
Φ
V/ΦV
(1400 mA) = f (IF); TA = 25 °C
Farbortverschiebung
2) Seite 18
Chromaticity Coordinate Shift
2) page 18
x, y =
f (T
j); IF = 1400 mA
OHL03711
mA
2.9
F
V
F
I
10
4
5
10
5
3
V
2
10
3.1
3.3
3.5
3.7
3.9
4.1
-0.015
OHL03710
0
Cx,
Δ
Cy
Δ
F
I
Cy
Cx
500 1000 1500 2000 2500 mA 3500
-0.010
-0.005
0
0.005
0.010
0.015
0.025
OHL03712
(1.4 A)
V
V
Φ
Φ
I
F
10
2
510
3
10
mA
4
1
10
10
-1
10
0
5
-0.025
OHL03709
-40
Cx,
Δ
Cy
Δ
j
T
Cy
Cx
˚C
-20
0
20 40 60 80
120
-0.020
-0.015
-0.010
-0.005
0
0.010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com