Electronic Components Datasheet Search
  English  ▼

X  

LW-W5AP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LW-W5AP
Description  dark SMD package, colorless clear silicone resin, silicone lense; chip level conversion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-W5AP Datasheet(HTML) 5 Page - OSRAM GmbH

  LW-W5AP Datasheet HTML 1Page - OSRAM GmbH LW-W5AP Datasheet HTML 2Page - OSRAM GmbH LW-W5AP Datasheet HTML 3Page - OSRAM GmbH LW-W5AP Datasheet HTML 4Page - OSRAM GmbH LW-W5AP Datasheet HTML 5Page - OSRAM GmbH LW-W5AP Datasheet HTML 6Page - OSRAM GmbH LW-W5AP Datasheet HTML 7Page - OSRAM GmbH LW-W5AP Datasheet HTML 8Page - OSRAM GmbH LW-W5AP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LW W5AP
2008-11-04
5
Farbortgruppen
5) Seite 18
Chromaticity coordinate groups
5) page 18
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5K
0.296
0.259
7K
0.330
0.310
0.291
0.268
0.330
0.330
0.310
0.297
0.338
0.342
0.313
0.284
0.352
0.344
5L
0.291
0.268
7L
0.330
0.330
0.285
0.279
0.330
0.347
0.307
0.312
0.347
0.371
0.310
0.297
0.345
0.352
6K
0.313
0.284
8K
0.352
0.344
0.310
0.297
0.338
0.342
0.330
0.330
0.364
0.380
0.330
0.310
0.360
0.357
6L
0.310
0.297
8L
0.345
0.352
0.307
0.312
0.347
0.371
0.330
0.347
0.367
0.401
0.330
0.330
0.364
0.380
OHA13327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
510
500
490
480
470
450
460
0.20
+
E
Cy
Cx
Cx
Cy
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.21
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
5K
6K
7K
8K
5L
6L
7L
8L
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com