Electronic Components Datasheet Search
  English  ▼

X  

LCW-CQAR.PC Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCW-CQAR.PC
Description  SMD ceramic package with silicon resin with lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQAR.PC Datasheet(HTML) 4 Page - OSRAM GmbH

  LCW-CQAR.PC Datasheet HTML 1Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 2Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 3Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 4Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 5Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 6Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 7Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 8Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2011-06-15
4
Target Data Sheet
LCW CQAR.PC
Farbortgruppen
3) Seite 10
Chromaticity Coordinate Groups
3) page 10
OHA04564
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cx
E
480
460
470
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
4
H
5
6
7
8
I
J
K
L
M
N
4
5
6
7
8
5000 K
4500 K
4000 K
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com