Electronic Components Datasheet Search
  English  ▼

X  

LCW-CQAR.PC Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LCW-CQAR.PC
Description  SMD ceramic package with silicon resin with lens
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQAR.PC Datasheet(HTML) 5 Page - OSRAM GmbH

  LCW-CQAR.PC Datasheet HTML 1Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 2Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 3Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 4Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 5Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 6Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 7Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 8Page - OSRAM GmbH LCW-CQAR.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Target Data Sheet
LCW CQAR.PC
2011-06-15
5
Farbtemperatur 4000 K
Color temperature 4000 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4L
0.365
0.348
4M
0.372
0.352
4N
0.379
0.356
0.367
0.358
0.375
0.362
0.382
0.367
0.375
0.362
0.382
0.367
0.390
0.372
0.372
0.352
0.379
0.356
0.386
0.361
5L
0.367
0.358
5M
0.375
0.362
5N
0.382
0.367
0.369
0.368
0.377
0.373
0.385
0.376
0.377
0.373
0.385
0.378
0.393
0.383
0.375
0.362
0.382
0.367
0.390
0.372
6L
0.369
0.368
6M
0.377
0.373
6N
0.385
0.378
0.371
0.378
0.380
0.383
0.388
0.388
0.380
0.383
0.388
0.388
0.397
0.393
0.377
0.373
0.385
0.376
0.393
0.383
7L
0.371
0.378
7M
0.380
0.383
7N
0.388
0.388
0.374
0.387
0.383
0.393
0.392
0.399
0.383
0.393
0.392
0.399
0.401
0.404
0.380
0.383
0.388
0.388
0.397
0.393
8L
0.374
0.387
8M
0.383
0.393
8N
0.392
0.399
0.376
0.397
0.385
0.403
0.395
0.409
0.385
0.403
0.395
0.409
0.404
0.415
0.383
0.393
0.392
0.399
0.401
0.404
Farbtemperatur 4500 K
Color temperature 4500 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
4J
0.350
0.337
8J
0.355
0.374
7K
0.363
0.371
0.351
0.347
0.356
0.383
0.364
0.381
0.359
0.352
0.366
0.390
0.374
0.387
0.357
0.343
0.364
0.381
0.371
0.378
5J
0.351
0.347
4K
0.357
0.343
8K
0.364
0.381
0.352
0.356
0.359
0.352
0.366
0.390
0.361
0.362
0.367
0.358
0.376
0.397
0.359
0.352
0.365
0.348
0.374
0.387
6J
0.352
0.356
5K
0.359
0.352
0.354
0.365
0.361
0.362
0.363
0.371
0.369
0.368
0.361
0.362
0.367
0.358
7J
0.354
0.365
6K
0.361
0.362
0.355
0.374
0.363
0.371
0.364
0.381
0.371
0.378
0.363
0.371
0.369
0.368



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com