Electronic Components Datasheet Search
  English  ▼

X  

INA190 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA190
Description  Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA190 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA190 Datasheet HTML 8Page - Texas Instruments INA190 Datasheet HTML 9Page - Texas Instruments INA190 Datasheet HTML 10Page - Texas Instruments INA190 Datasheet HTML 11Page - Texas Instruments INA190 Datasheet HTML 12Page - Texas Instruments INA190 Datasheet HTML 13Page - Texas Instruments INA190 Datasheet HTML 14Page - Texas Instruments INA190 Datasheet HTML 15Page - Texas Instruments INA190 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
VREF
VOUT
VVS
1.7 V to 5.5 V
IN±
IN+
VS
REF
OUT
RF < 100
RINT
CF
RF < 100
RINT
+
±
Bus Voltage
±0.1 V to +40 V
RSENSE
Load
Copyright © 2018, Texas Instruments Incorporated
Capacitively
Coupled
Amplifier
ENABLE
3dB
F
F
1
f
4 R C
S
12
INA190
SBOS863 – MARCH 2018
www.ti.com
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
8.1.3 Output Signal Conditioning
When performing accurate current measurements in noisy environments, it is common to filter the current-
sensing signal. The INA190 features low input bias currents; therefore, it is possible to add a differential mode
filter to the input without sacrificing the current-sense accuracy. Filtering at the input is advantageous because
this action attenuates differential noise before the signal is amplified. Figure 4 provides an example of how a filter
can be used on the input pins of the device.
Figure 4. Filter at Input Pins
When using the INA190 in applications where there are periodic high-frequency currents that are above the
bandwidth of the device (for example, sensing the input current of a dc-dc convertor), it is highly recommended
to apply an input filter to attenuate differential current noise. Using a 100-Ω resistor for RF and a 22-nF capacitor
for CF results in a low-pass filter corner frequency of 36.2 kHz, which does not severely impact the current-
sensing bandwidth, but does filter out most high-frequency signals. If a lower corner frequency is desired,
increase the value of CF.
If high-frequency, common-mode noise is a concern, add an RC filter from the OUT pin to ground. The value for
the resistance of the RC filter is limited by the impedance of the load. Any current drawn by the load manifests as
an external voltage drop from the INA190 OUT pin to the load input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com