Electronic Components Datasheet Search
  English  ▼

X  

INA190 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA190
Description  Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA190 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA190 Datasheet HTML 9Page - Texas Instruments INA190 Datasheet HTML 10Page - Texas Instruments INA190 Datasheet HTML 11Page - Texas Instruments INA190 Datasheet HTML 12Page - Texas Instruments INA190 Datasheet HTML 13Page - Texas Instruments INA190 Datasheet HTML 14Page - Texas Instruments INA190 Datasheet HTML 15Page - Texas Instruments INA190 Datasheet HTML 16Page - Texas Instruments INA190 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
OUTMIN
MIN
SENSE
V
I
R
GAIN
u
u
SP
SENSE
MAX
V
R
<
I
GAIN
u
ENABLE
VS
OUT
REF
GND
IN+
IN±
LOAD
0.1 F
5 V
12 V
RSENSE ” 1kO
INA190
Copyright © 2018, Texas Instruments Incorporated
13
INA190
www.ti.com
SBOS863 – MARCH 2018
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2 Typical Applications
8.2.1 Microamp Current Measurement
The low input bias current of the INA190 allows accurate monitoring of small-value currents. To accurately
monitor currents on the microamp range, increase the value of the sense resistor to increase the sense voltage,
so that the error introduced by the offset voltage is small. The circuit configuration for monitoring low-value
currents is shown in Figure 5. As a result of the differential input impedance of the INA190, limit the value of
RSENSE to 1 kΩ or less for best accuracy.
Figure 5. Measuring Microamp Currents
8.2.1.1 Design Requirements
The design requirements for the circuit shown in Figure 5, are listed in Table 1
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VVS)
5 V
Bus supply rail (VCM)
12 V
Minimum sense current (IMIN)
1 µA
Maximum sense current (IMAX)
150 µA
Device gain (GAIN)
25 V/V
VREF
0 V
8.2.1.2 Detailed Design Procedure
The maximum value of the current-sense resistor is calculated based choice of gain, value of the maximum
current the be sensed (IMAX), and the power supply voltage(VVS). When operating at the maximum current, the
output voltage must not exceed the positive output swing specification, VSP. Using Equation 5, for the given
design parameters the maximum value for RSENSE is calculated to be 1.321 kΩ.
(5)
However, because this value exceeds the maximum recommended value for RSENSE, a resistance value of 1 kΩ
must be used. When operating at the minimum current value, IMIN the output voltage must be greater than the
swing to GND (VSN), specification. For this example, the output voltage at the minimum current is calculated
using Equation 6 to be 25 mV, which is greater than the value for VSN.
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com