Electronic Components Datasheet Search
  English  ▼

X  

MCS19 Datasheet(PDF) 4 Page - Schurter Inc.

Part # MCS19
Description  Metal Switch Short Stroke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS19 Datasheet(HTML) 4 Page - Schurter Inc.

  MCS19 Datasheet HTML 1Page - Schurter Inc. MCS19 Datasheet HTML 2Page - Schurter Inc. MCS19 Datasheet HTML 3Page - Schurter Inc. MCS19 Datasheet HTML 4Page - Schurter Inc. MCS19 Datasheet HTML 5Page - Schurter Inc. MCS19 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Metal Line Switches
MCS 19
https://www.schurter.com /PG70
Switches
Diagrams
MCS 19 PI Bi-colour-LED
red
green
+
-
Point Illumination
Operating Data
Forward Current max.
Forward Voltage at 10 mA
Forward Voltage max.
LED red
30 mA
1.9 VDC
3.0 VDC
LED green
30 mA
2.1 VDC
3.0 VDC
LED yellow
30 mA
2.1 VDC
3.0 VDC
LED blue
20 mA
3.8 VDC
4.5 VDC
LED red/green
25 mA
2.0 VDC
2.5 VDC
Attention: Switches are delivered without series resistor.
Lettering
The last three digits in the order number define the lettering:
000
No Lettering
001-074
Standard Lettering
101-
Customized Lettering
Order example for labeling
1241.28XX.XXX
Basic Version
Lettering
Indices 001 - 074
Order example labeling for varnished variants
1241.28XX.X.XXX
Basic Version XX: 74 / 75 / 78
with this 3 variants available
Lettering
Indices 001 - 074
Coating
1: yellow
3: red
5: green
Lettering Colour of Laser Lettering
Material
Lettering Colour
Stainless Steel
black
Filled letters



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com