Electronic Components Datasheet Search
  English  ▼

X  

MCS19 Datasheet(PDF) 1 Page - Schurter Inc.

Part # MCS19
Description  Metal Switch Short Stroke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS19 Datasheet(HTML) 1 Page - Schurter Inc.

  MCS19 Datasheet HTML 1Page - Schurter Inc. MCS19 Datasheet HTML 2Page - Schurter Inc. MCS19 Datasheet HTML 3Page - Schurter Inc. MCS19 Datasheet HTML 4Page - Schurter Inc. MCS19 Datasheet HTML 5Page - Schurter Inc. MCS19 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Metal Line Switches
MCS 19
https://www.schurter.com /PG70
Switches
Metal Switch Short Stroke
See below:
Approvals and Compliances
Description
- Momentary action switch available in version Standard, with Point Illu-
mination, Lettering, varnished in different colours
- Assembly by mounting with nut
- Pin connections, Pins with Soldering Aid or Clip for Pins
Characteristics
- Housing and actuator material types: zinc die-cast with nickel plating
or stainless steel
- Wide range of materials, colours, lettering, colours of illumination
- Switching voltage 48 VDC, switching current 125 mA
- Zinc die-cast for housing and actuator
For indoor use, no illumination, no lettering
- Stainless Steel for actuator
Optional point illumination and laser lettering with standard or custo-
mer-specific symbols
- Stainless Steel for housing and actuator
for use in harsh environments outdoors (see technical data)
- Varnished Version
Colour adjustments to customer housings possible, as standard:
Signal colors red, green and yellow, optional: housing or actuator var-
nishing according to provided color specifications
the varnished actuators are sealed by transparent lacqueur after the
laser lettering
Weblinks
html-datasheet, General Product Information, CAD-Drawings, Product
News, Detailed request for product


Similar Part No. - MCS19

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCS19 SCHURTER-MCS19_V02 Datasheet
647Kb / 6P
Metal Switch Short Stroke
05.01.2022
More results

Similar Description - MCS19

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCS30 SCHURTER-MCS30 Datasheet
500Kb / 4P
Metal Switch Short Stroke Ring Illuminated
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
390Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
MTG SCHURTER-MTG Datasheet
255Kb / 3P
Printmount Switch Short Stroke 12.7 mm
MCS30 SCHURTER-MCS30_18 Datasheet
549Kb / 4P
Metal Switch Short Stroke Ring Illuminated
logo
Festo Corporation.
ADVC-12-5-I-P FESTO-ADVC-12-5-I-P Datasheet
90Kb / 1P
Short-stroke cylinder
logo
Schurter Inc.
MCS16 SCHURTER-MCS16_V01 Datasheet
750Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS19 SCHURTER-MCS19_V02 Datasheet
647Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
MCS30 SCHURTER-MCS30_V02 Datasheet
571Kb / 5P
Metal Switch Short Stroke Ring Illuminated
05.01.2022
MTG SCHURTER-MTG_V01 Datasheet
269Kb / 3P
Printmount Switch Short Stroke 12.7 mm
04.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com