Electronic Components Datasheet Search
  English  ▼

X  

T7906EKT/SC Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T7906EKT/SC
Description  Single Point to Point IEEE 1355 High Speed Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906EKT/SC Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T7906EKT/SC Datasheet HTML 9Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 10Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 11Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 12Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 13Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 14Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 15Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 16Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
13
T7906E
Rev. A – 27-Aug.-01
Host write address
Description
Symbol
Min.
Max.
Unit
HSEL* active low pulse width
tHSL
150
ns
HSEL* inactive high pulse width
tHSH
60
ns
HWRnRD setup before HSEL* active low
tHWnRS
5ns
HDATnADR setup before HSEL* active low
tHWnRH
5ns
HWRnRD hold after HSEL* inactive high
tHWnRH
0ns
HDATnADR hold after HSEL* inactive high
tHDnAH
0ns
HDATA valid after HSEL active low and HWRnRD high
tHDWV
25
ns
HDATA hold after HSEL inactive high
tHDWH
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com