Electronic Components Datasheet Search
  English  ▼

X  

T7906EKT/SC Datasheet(PDF) 22 Page - ATMEL Corporation

Part # T7906EKT/SC
Description  Single Point to Point IEEE 1355 High Speed Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906EKT/SC Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button T7906EKT/SC Datasheet HTML 18Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 19Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 20Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 21Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 22Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 23Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 24Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 25Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
22
T7906E
Rev. A – 27-Aug.-01
FIFO interface write
Notes:
1. ws = wait states (0 - 7)
2. depends on:
- data bandwidth over the IEEE-1355 link
Description
Symbol
Min.
Max.
Unit
WR* active low pulse width
tFWL
40+ws
1)*40
42+ws
1)*40
ns
WR* inactive high pulse width
tFWH
38
40
ns
WR* active low after RCV_EOP_ACK high
tFWACK
120
ns
FIFO_FULL* setup before WR* high
tFFS
8
ns
RCVEOP1, RCVEOP2 high after last write and WR*
high
t
FWEOP
40
2)
ns
RCV_EOP_ACK active high pulse width
t
FWEOPA
49
ns
RCVEOP1, RCVEOP2 low after RCV_EOP_ACK high
t
FWEOPH
128
ns
DATA0-7 enable after WR* low
t
FWDE
0
6
ns
DATA0-7 valid before WR* high
t
FWDV
32
ns
DATA0-7 hold after WR* high
t
FWDH
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com