Electronic Components Datasheet Search
  English  ▼

X  

IPM6220ACA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # IPM6220ACA
Description  Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPM6220ACA Datasheet(HTML) 3 Page - Renesas Technology Corp

  IPM6220ACA Datasheet HTML 1Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 2Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 3Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 4Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 5Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 6Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 7Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 8Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IPM6220A
FN9032 Rev 1.00
Page 3 of 14
Aug 2004
Simplified Power System Diagram
Typical Application
PWM1
5V MAIN
Q1
Q2
LINEAR
LINEAR
PWM3
IPM6220A
CONTROLLER
CONTROLLER
CONTROLLER
CONTROLLER
PWM2
CONTROLLER
VBATT
3.3V MAIN
Q1
Q2
VBATT
VBATT
12V BOOST
MONITORS
PGOOD
VOLTAGE,
CURRENT
3.3V ALWAYS
5V ALWAYS
FIGURE 2.
+VBATT
P CORE
CLOCK
I/O
VCORE
VI/O
VCLOCK
C8051
5V ALWAYS
3.3V ALWAYS
VID CODE
SDWN1
SDWN2
5V MAIN
3.3V MAIN
IPM6220A
IPM6210
ENABLE
SDWN
SDWNALL
PROCESSOR
ON/OFF
12V
RESET
PGOOD
PGOOD
PCM
CIA
FIGURE 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com