Electronic Components Datasheet Search
  English  ▼

X  

IPM6220ACA Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # IPM6220ACA
Description  Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPM6220ACA Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button IPM6220ACA Datasheet HTML 6Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 7Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 8Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 9Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 10Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 11Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 12Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 13Page - Renesas Technology Corp IPM6220ACA Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IPM6220A
FN9032 Rev 1.00
Page 10 of 14
Aug 2004
operating open circuit and the output voltage varies with the
output load resistance, Ro, as given by:
Where Vin is the 5V Main voltage, Dmax = 0.33, L is the value
of the boost inductor, L3, and F = 100kHz. This provides
automatic output current limiting. When the maximum duty
cycle has been reached and for a given inductor, a further
reduction in Ro by one-half will pull the output voltage down to
0.707 of nominal and cause an undervoltage condition.
The 12V converter starts to operate at the same time as the 5V
Main converter. The rising voltage on the 5V Main output and
the 33% duty cycle limit provides a similar soft-start, as the 5V
Main, for the 12V output.
3V ALWAYS, 5V ALWAYS Linear Regulators
The 3.3V ALWAYS and 5V ALWAYS outputs are derived from
the battery voltage and are the first voltages available in the
notebook when power on is initiated. The 5V ALWAYS output
is generated directly from the battery voltage by a linear
regulator. It is used to power the system micro- controller and
to internally power the chip and the gate drivers. The 3.3V
ALWAYS output is generated from the 5V ALWAYS output and
may be used to power the keyboard controller or other
peripherals. The combined current capability of these outputs
is 50mA. When the 5V Main output is greater than it’s
undervoltage level, it is switched to the 5V ALWAYS output via
an internal 1.3
MOSFET switch. Simultaneously, the 5V
ALWAYS linear regulator is disabled to prevent excessive
power dissipation.
The rise time of the 5V ALWAYS is determined by the value of
the output capacitance on the 5V and 3.3V ALWAYS outputs.
The internal regulator is current limited to about 180mA, so the
startup time is approximately:
Where COUT is the sum of the capacitances on the 5V and
3.3V ALWAYS outputs.
Power Good Status
The IPM6220A monitors all the output voltages except for the
3.3V ALWAYS. A single power-good signal, PGOOD, is issued
when soft-start is completed and all monitored outputs are
within 10% of their respective set points. After the soft-start
sequence is completed, undervoltage protection latches the
chip off when any of the monitored outputs drop below 75% of
its set point.
A ‘soft-crowbar’ function is implemented for an overvoltage on
the 3.3V Main or 5V Main outputs. If the output voltage goes
above 115% of their nominal output level, the upper MOSFET
is turned off and the lower MOSFET is turned on. This ‘soft-
crowbar’ condition will be maintained until the output voltage
returns to the regulation window and then normal operation will
continue.
This ‘soft-crowbar’ and monitoring of the output, prevents the
output voltage from ringing negative as the inductor current
flows in the ‘reverse’ direction through the lower MOSFET and
output capacitors.
Over-Temperature Protection
The IC incorporates an over-temperature protection circuit that
shuts all the outputs down when the die temperature exceeds
150°C. Normal operation is automatically restored when the
die temperature cools to 125°C.
Component Selection Guidelines
Output Capacitor Selection
The output capacitors for each output have unique
requirements. In general, the output capacitors should be
selected to meet the dynamic regulation requirements
including ripple voltage and load transients.
3.3V Main and 5V Main PWM Output Capacitors
Selection of the output capacitors is also dependent on the
output inductor so some inductor analysis is required to select
the output capacitors.
One of the parameters limiting the converter’s response to a
load transient is the time required for the inductor current to
slew to its new level. Given a sufficiently fast control loop
design, the IPM6220A will provide either 0% or 94% duty cycle
in response to a load transient. The response time is the time
interval required to slew the inductor current from an initial
current value to the load current level. During this interval the
difference between the inductor current and the transient
current level must be supplied by the output capacitor(s).
Minimizing the response time can minimize the output
capacitance required. Also, if the load transient rise time is
slower than the inductor response time, as in a hard drive or
CD drive, this reduces the requirement on the output capacitor.
The maximum capacitor value required to provide the full,
rising step, transient load current during the response time of
the inductor is:
Where: COUT is the output capacitor(s) required, LO is the
output inductor, ITRAN is the transient load current step, VIN is
the input voltage, VOUT is output voltage, and VOUT is the
drop in output voltage allowed during the load transient.
High frequency capacitors initially supply the transient current
and slow the load rate-of-change seen by the bulk capacitors.
The bulk filter capacitor values are generally determined by the
ESR (Equivalent Series Resistance) and voltage rating
requirements as well as actual capacitance requirements. The
Vo
Vin Dmax
Ro
2LxF

-------------------


=
tCOUT
5V
180mA
-------------------
=
COUT
LO ITRAN
VIN VOUT
–
 2
----------------------------------------------
ITRAN
DVOUT
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com