Electronic Components Datasheet Search
  English  ▼

X  

LRTB-GRUG Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LRTB-GRUG
Description  black PLCC-6 package, diffused silicone resin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-GRUG Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LRTB-GRUG Datasheet HTML 5Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 6Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 7Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 8Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 9Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 10Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 11Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 12Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LRTB GRUG
2015-06-30
9
Relative spektrale Emission
5) Seite 26
Relative Spectral Emission
5) page 26
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
I
rel = f (λ); TS = 25 °C; IF = 20 mA
40
0
400
20
60
80
rel
I
100
%
nm
λ
OHL02514
Vλ
450
500
550
600
650
700
blue
true green
red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com