Electronic Components Datasheet Search
  English  ▼

X  

LRTB-GRUG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRTB-GRUG
Description  black PLCC-6 package, diffused silicone resin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-GRUG Datasheet(HTML) 1 Page - OSRAM GmbH

  LRTB-GRUG Datasheet HTML 1Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 2Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 3Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 4Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 5Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 6Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 7Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 8Page - OSRAM GmbH LRTB-GRUG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LRTB GRUG
DISPLIX Black
Data Sheet
Draft Version
1.4
1.4
1.4
1.4
2015-06-30
1
Das Bauteil ist speziell für den Einsatz in
Vollfarb-Videoleinwänden entwickelt worden.
Die 6-lead Technologie läßt eine unabhängige
Ansteuerung aller Chips zu und bietet dadurch
eine additive Farbmischung. Das schwarze
Gehäuse garantiert höchsten Kontrast
Merkmale
• Gehäusetyp: schwarzes PLCC-6 Gehäuse,
diffuser Silikon Verguss
• Farbe: Rot/True Grün/Blau, 625 nm (rot),
528 nm (true grün), 470 nm (blau)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Lötmethode: Reflow lötbar
• Vorbehandlung: nach JEDEC Level 3
• ESD-Festigkeit: ESD -sensitives Bauteil
Hauptanwendungen
• Videoleinwände
• Vollfarb-Displays
This device is especially designed for full color
video walls. The 6-lead technology admits an
additive mixture of color stimuli by
independent driving of each chip. The black
package guarantees highest contrast.
Features
• package: black PLCC-6 package, diffused
silicone resin
• color: red/true green/ blue, 625 nm (red),
528 nm (true green), 470 nm (blue)
• viewing angle: Lambertian Emitter (120°)
• soldering methods: reflow solderable
• preconditioning: acc. to JEDEC Level 3
• ESD-withstand voltage: ESD sensitive device
Main Applications
• video walls in outdoor areas
• full color displays


Similar Part No. - LRTB-GRUG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTB-GRTG OSRAM-LRTB-GRTG Datasheet
908Kb / 26P
white PLCC-6 package, diffused silicone resin
More results

Similar Description - LRTB-GRUG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWTTSD OSRAM-LWTTSD Datasheet
730Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LW-T6SC OSRAM-LW-T6SC Datasheet
793Kb / 23P
white PLCC-2 package, colored diffused silicone resin
LW-TTSD OSRAM-LW-TTSD Datasheet
730Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LW-TVSG.BB OSRAM-LW-TVSG.BB Datasheet
522Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LWWW-G6SG OSRAM-LWWW-G6SG Datasheet
527Kb / 20P
white PLCC-6 package, colored diffused silicone resin
LCB-TVSG OSRAM-LCB-TVSG Datasheet
694Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LRTB-GRTG OSRAM-LRTB-GRTG Datasheet
908Kb / 26P
white PLCC-6 package, diffused silicone resin
LRTB-GVSG OSRAM-LRTB-GVSG Datasheet
753Kb / 31P
white PLCC-6 package, silicone resin
LTRB-GFSF OSRAM-LTRB-GFSF Datasheet
1Mb / 32P
white PLCC-6 package with diffused silicone resin
LYYY-G6SF OSRAM-LYYY-G6SF Datasheet
437Kb / 17P
white PLCC-6 package, diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com