Electronic Components Datasheet Search
  English  ▼

X  

TMS44409P Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS44409P
Description  1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS44409P Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS44409P Datasheet HTML 3Page - Texas Instruments TMS44409P Datasheet HTML 4Page - Texas Instruments TMS44409P Datasheet HTML 5Page - Texas Instruments TMS44409P Datasheet HTML 6Page - Texas Instruments TMS44409P Datasheet HTML 7Page - Texas Instruments TMS44409P Datasheet HTML 8Page - Texas Instruments TMS44409P Datasheet HTML 9Page - Texas Instruments TMS44409P Datasheet HTML 10Page - Texas Instruments TMS44409P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TMS44409, TMS44409P
1048576-WORD BY 4-BIT
DYNAMIC RANDOM-ACCESS MEMORY
SMHS563 – JULY1995
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figure 1)
PARAMETER
’44409-60
’44409P-60
’44409-70
’44409P-70
’44409-80
’44409P-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tAA
Access time from column address
30
35
40
ns
tCAC
Access time from CAS low
15
18
20
ns
tCPA
Access time from column precharge
35
40
45
ns
tRAC
Access time from RAS low
60
70
80
ns
tOEA
Access time from OE low
15
18
20
ns
tCLZ
CAS to output in low-impedance state
0
0
0
ns
tREZ
Output disable time, start of RAS high (see Note 6)
3
15
3
18
3
20
ns
tCEZ
Output disable time, start of CAS high (see Note 6)
3
15
3
18
3
20
ns
tOEZ
Output disable time after OE high (see Note 6)
3
15
3
18
3
20
ns
tWEZ
Output disable time after W high (see Note 6)
3
15
3
18
3
20
ns
NOTE 6: Maximum tREZ, tCEZ, tWEZ and tOEZ are specified when the output is no longer driven.
EDO timing requirements over recommended ranges of supply voltage and operating free-air
temperature
’44409-60
’44409P-60
’44409-70
’44409P-70
’44409-80
’44409P-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tHPC
Cycle time, EDO page-mode read or write
25
30
35
ns
tCSH
Hold time, CAS from RAS
50
55
60
ns
tCHO
Hold time, OE from CAS
10
10
10
ns
tDOH
Hold time, output from CAS
3
3
3
ns
tCAS
Pulse duration, CAS
10
10 000
12
10 000
15
10 000
ns
tWPE
Pulse duration, W (output disable only)
5
5
5
ns
tOCH
Setup time, OE before CAS
10
10
10
ns
tCP
Precharge time, CAS
5
5
5
ns
tOEP
Precharge time, OE
5
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com