Electronic Components Datasheet Search
  English  ▼

X  

TMS44409P Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS44409P
Description  1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS44409P Datasheet(HTML) 3 Page - Texas Instruments

  TMS44409P Datasheet HTML 1Page - Texas Instruments TMS44409P Datasheet HTML 2Page - Texas Instruments TMS44409P Datasheet HTML 3Page - Texas Instruments TMS44409P Datasheet HTML 4Page - Texas Instruments TMS44409P Datasheet HTML 5Page - Texas Instruments TMS44409P Datasheet HTML 6Page - Texas Instruments TMS44409P Datasheet HTML 7Page - Texas Instruments TMS44409P Datasheet HTML 8Page - Texas Instruments TMS44409P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TMS44409, TMS44409P
1048576-WORD BY 4-BIT
DYNAMIC RANDOM-ACCESS MEMORY
SMHS563 – JULY1995
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
functional block diagram
4
A0
A1
A9
16
2
10
10
16
16
2
4
Timing and Control
Column-
Address
Buffers
Row-
Address
Buffers
I/O
Buffers
4 of 16
Selection
Column Decode
Sense Amplifiers
R
o
w
D
e
c
o
d
e
16
128K Array
128K Array
128K Array
128K Array
128K Array
128K Array
DQ1 – DQ4
RAS
CAS
W
OE
Data-
In
Reg.
Data-
Out
Reg.
8
operation
extended data out
Extended data out allows for data output rates of up to 40 MHz for 60-ns devices. When keeping the same row
address while selecting random column addresses, the time for row-address setup and hold and address
multiplex is eliminated. The maximum number of columns that can be accessed is determined by tRASP, the
maximum RAS low time.
Extended data out does not place the DQs into the high-impedance state with the rising edge of CAS. The output
remains valid for the system to latch the data. After CAS goes high, the DRAM decodes the next address. OE
and W can be used to control the output impedance. Descriptions of OE and W further explain EDO operation
benefit.
address ( A0 – A9)
Twenty address bits are required to decode one of 1 048 576 storage cell locations. Ten row-address bits are
set up on A0 through A9 and latched onto the chip by the row-address strobe ( RAS). The ten column-address
bits are set up on pins A0 through A9 and latched onto the chip by the column-address strobe (CAS). All
addresses must be stable on or before the falling edges of RAS and CAS. RAS is similar to a chip-enable in
that it activates the sense amplifiers as well as the row decoder.
output enable (OE)
OE controls the impedance of the output buffers. While CAS and RAS are low and W is high, OE can be brought
low or high and the DQs transition between valid data and high impedance (see Figure 7). There are two
methods for placing the DQs into the high-impedance state and keeping them that way during CAS high time.
The first method is to transition OE high before CAS transitions high and keep OE high for tCHO past the CAS
transition. This disables the DQs and they remain disabled, regardless of OE, until CAS falls again. The second
method is to have OE low as CAS transitions high. Then OE can pulse high for a minimum of tOEP anytime during
CAS high time, thus, disabling the DQs regardless of further transitions on OE until CAS falls again (see
Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com