Electronic Components Datasheet Search
  English  ▼

X  

1079294 Datasheet(PDF) 2 Page - SICK AG

Part # 1079294
Description  INDUCTIVE PROXIMITY SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1079294 Datasheet(HTML) 2 Page - SICK AG

  1079294 Datasheet HTML 1Page - SICK AG 1079294 Datasheet HTML 2Page - SICK AG 1079294 Datasheet HTML 3Page - SICK AG 1079294 Datasheet HTML 4Page - SICK AG 1079294 Datasheet HTML 5Page - SICK AG 1079294 Datasheet HTML 6Page - SICK AG 1079294 Datasheet HTML 7Page - SICK AG 1079294 Datasheet HTML 8Page - SICK AG 1079294 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IMC18-08BPPVC0SA71 | IMC
INDUCTIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
IMC18-08BPPVC0SA71
1079294
Other models and accessories
www.sick.com/IMC
Detailed technical data
Features
Housing
Cylindrical thread design
Thread size
M18
1
Diameter
Ø 18 mm
Sensing range Sn
0 mm ... 8 mm 1)
Safe sensing range Sa
6.48 mm
Number of switching points
Up to 4 adjustable switching points or windows
Switching modes
Single point, Window mode, Two point mode, Optical adjustment indicator
Switching frequency Qint.1 / Qint.2 on Pin2 250 Hz
Installation type
Flush
Connection type
Male connector M12, 4-pin 2)
Switching output
PNP
Output Q/C
Switching output or IO-Link mode
Output MFC
Switching output or input
Output function
NC / NO
Output characteristic
Programmable
Electrical wiring
DC 4-wire
Enclosure rating
IP68 3)
IP69K 4)
Special features
Smart TaskResistant against coolant lubricants
Diagnosis
Chip temperature
1) Adjustable.
2) With gold plated contact pins.
3) According to EN 60529.
4) According to ISO 20653:2013-03.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-06-12 14:57:18
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com