Electronic Components Datasheet Search
  English  ▼

X  

1079294 Datasheet(PDF) 3 Page - SICK AG

Part # 1079294
Description  INDUCTIVE PROXIMITY SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1079294 Datasheet(HTML) 3 Page - SICK AG

  1079294 Datasheet HTML 1Page - SICK AG 1079294 Datasheet HTML 2Page - SICK AG 1079294 Datasheet HTML 3Page - SICK AG 1079294 Datasheet HTML 4Page - SICK AG 1079294 Datasheet HTML 5Page - SICK AG 1079294 Datasheet HTML 6Page - SICK AG 1079294 Datasheet HTML 7Page - SICK AG 1079294 Datasheet HTML 8Page - SICK AG 1079294 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IMC18-08BPPVC0SA71 | IMC
INDUCTIVE PROXIMITY SENSORS
Pin 2 configuration
External input, Teach-in, switching signal
1) Adjustable.
2) With gold plated contact pins.
3) According to EN 60529.
4) According to ISO 20653:2013-03.
Communication interface
Communication interface
IO-Link V1.1
Mode
COM2 (38,4 kBaud)
Cycle time
5 ms
Process data length
32 Bit
Process data structure
Bit 0 = switching signal QL1
Bit 1 = switching signal QL2
Bit 2 = switching signal QInt3
Bit 3 = switching signal QInt4
Bit 18 ... 31 = counting value
Factory setting
Switching Point 1: reference value 1
Output: normally open
Pin 2 configuration: input
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
≤ 10 %
Voltage drop
≤ 2 V 2)
Current consumption
≤ 35 mA 3)
Hysteresis
Programmable 4)
Reproducibility
≤ 5 % 5) 6)
Temperature drift (of Sr)
± 10 %
EMC
According to EN 60947-5-2
Continuous current Ia
≤ 200 mA 7)
Short-circuit protection
✔
Reverse polarity protection
✔
Power-up pulse protection
✔
Shock and vibration resistance
100 g / 2 ms / 500 cycles; 150 g / 1 Mio cycles; 10 Hz ... 55 Hz / 1 mm; 55 Hz ... 500 Hz /
60 g
Ambient operating temperature
–40 °C ... +75 °C
Housing material
Stainless steel, V2A (1.4305)
Sensing face material
Plastic, LCP
Housing length
65 mm
1) IO-Link mode: 18 VDC ... 30 VDC.
2) At Ia max.
3) Without load.
4) To comply with EN 60947-5-2, a hysteresis of approx. 10% must be set.
5) Ub and Ta constant.
6) Of Sr.
7) 200 mA total for both switching outputs.
8) Valid if toothed side of nut is used.
2018-06-12 14:57:18 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com