Electronic Components Datasheet Search
  English  ▼

X  

MPQ5480GC Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ5480GC
Description  Integrated Charger with 5V/100mA DCDC Synchronous Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5480GC Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ5480GC Datasheet HTML 1Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 2Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 3Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 4Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 5Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 6Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 7Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 8Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MPQ5480 – INTEGRATED CHARGER WITH 5V/100mA DCDC SYNC REGULATOR
MPQ5480 Rev. 1.0
www.MonolithicPower.com
5
3/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TM
Electrical Characteristics (continued)
VBATT=3.8V, VCH=5V, L=10µH, CIN=10µF, COUT=10µF, TA=+30ºC, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Trickle threshold voltage (rising)
Vth_trich
2.83
2.93
3.08
V
Trickle voltage hysteresis
Vhys_trich
180
mV
Trickle charge current
Itrich
VBATT < Vth_trich
5
10
15
%ICHG
Dropout voltage (VCH - VBATT)
(5)
VDROP
ICHG =12mA
400
mV
Thermal operation high limit
(4)
Only for charger
49
54
°C
Thermal operation low limit
(4)
Only for charger
1
6
°C
Thermal shutdown hysteresis
(4)
Only for charger
6
°C
Dead battery detection timer
(4)
TDEAD_BATT
5.95
7
8.05
min
Charging termination current
10
%ICHG
Charging termination timer
(4)
3.6
hour
Push-button controller (No charger connected)
En pulse input high voltage
VEN_HIGH
1.2
V
En pulse input low voltage
VEN_LOW
0.3
V
Enable push on time (OFF  ON)
TPUSH
1.7
2.2
2.7
s
Disable push time (ON  OFF)
TPUSH
1.7
2.2
2.7
s
System extension Vo2
Vo2 switch on resistance
RDSON_Vo2
1100
mΩ
Vo2 off impedance
High Z
Vo2 over current threshold
Ith_OC
ICHG=12mA
3.8*ICHG
mA
Vo2 short circuit threshold
Ith_SC
ICHG=12mA
5*ICHG
mA
Vo2 over current detection delay
(4)
TDOC
9
ms
Vo2 short circuit detection delay
(4)
TDSC
300
us
Vo2 protection auto retry delay
(4)
TDAR
75
ms
Notes:
4) Guaranteed by design, not tested.
5) VCH>VBATT+400mV to guarantee charger works well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com