Electronic Components Datasheet Search
  English  ▼

X  

MPQ5480GC Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ5480GC
Description  Integrated Charger with 5V/100mA DCDC Synchronous Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5480GC Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ5480GC Datasheet HTML 1Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 2Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 3Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 4Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 5Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 6Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 7Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 8Page - Monolithic Power Systems MPQ5480GC Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MPQ5480
Integrated Charger with 5V/100mA DCDC
Synchronous Regulator
MPQ5480 Rev. 1.0
www.MonolithicPower.com
1
3/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MPQ5480
is
a
monolithic
power
management solution for wearable device.
It contains a USB compatible, constant current/
constant voltage charger along with a high
efficiency synchronous step down regulator.
The MPQ5480 also features cell protection and
a separate power switch for powering additional
power devices.
The hysteresis control scheme provides fast
transient response and eases loop stabilization.
Fault condition protection includes cycle by
cycle current limiting, output short protection
and thermal shutdown.
The MPQ5480 requires a minimum number of
external components and is available in a
WLCSP-16 (1.7mmx1.7mm) package.
FEATURES
 Wide 4V to 6V Charger Input Range
 100mA DC-DC Output Current
 Feedback Voltage Accuracy: 1%
 1.22V Default Output Voltage
 Programmable Output Voltage via Resistor
Divider (For VOUT>1.22V)
 Integrated Push-button De-bouncer
 Cycle-by-Cycle Over Current Protection
 On Die Thermal Protection
 Stable with Low ESR Output Ceramic
Capacitors
 Available in a WLCSP-16 (1.7mmx1.7mm)
Package
APPLICATIONS
Wearable Device
Other Battery Based Portable Device
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MPQ5480GC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ5411 MPS-MPQ5411 Datasheet
970Kb / 21P
100mA sync regulator with Li-ion battery charger
MPQ5411GC MPS-MPQ5411GC Datasheet
970Kb / 21P
100mA sync regulator with Li-ion battery charger
More results

Similar Description - MPQ5480GC

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1917 NTE-NTE1917 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 100mA
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 4/22/99
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
List of Unclassifed Man...
AMC78L05 ETC-AMC78L05 Datasheet
495Kb / 6P
100mA / 3-TERMINAL 5V REGULATOR
logo
ADDtek Corp
AMC78L05 ADDTEK-AMC78L05 Datasheet
102Kb / 7P
100mA / 3-TERMINAL 5V REGULATOR
JUNE 2006
logo
Semtech Corporation
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
6A Integrated FET Regulator with 5V LDO
logo
Monolithic Power System...
MPQ5411 MPS-MPQ5411 Datasheet
970Kb / 21P
100mA sync regulator with Li-ion battery charger
logo
ETA SOLUTIONS CO. LIMIT...
ETA9688 ETA-ETA9688 Datasheet
168Kb / 1P
5V/2.1A Synchronous Boost with 1A linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com