Electronic Components Datasheet Search
  English  ▼

X  

LO-5436 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LO-5436
Description  colorless, clear 5 mm (T1 쩐) package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LO-5436 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LO-5436 Datasheet HTML 2Page - OSRAM GmbH LO-5436 Datasheet HTML 3Page - OSRAM GmbH LO-5436 Datasheet HTML 4Page - OSRAM GmbH LO-5436 Datasheet HTML 5Page - OSRAM GmbH LO-5436 Datasheet HTML 6Page - OSRAM GmbH LO-5436 Datasheet HTML 7Page - OSRAM GmbH LO-5436 Datasheet HTML 8Page - OSRAM GmbH LO-5436 Datasheet HTML 9Page - OSRAM GmbH LO-5436 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2006-10-04
6
LS 5436, LO 5436, LY 5436
Prinzipieller Messaufbau für Partial Flux Messung
Schematic test method for partial flux measurement
OHAY0908
= 40˚
θ
Referenzebene des Detektors (ø14 mm)
Reference layer of detector (ø14 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com