Electronic Components Datasheet Search
  English  ▼

X  

LO-5436 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LO-5436
Description  colorless, clear 5 mm (T1 쩐) package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LO-5436 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LO-5436 Datasheet HTML 5Page - OSRAM GmbH LO-5436 Datasheet HTML 6Page - OSRAM GmbH LO-5436 Datasheet HTML 7Page - OSRAM GmbH LO-5436 Datasheet HTML 8Page - OSRAM GmbH LO-5436 Datasheet HTML 9Page - OSRAM GmbH LO-5436 Datasheet HTML 10Page - OSRAM GmbH LO-5436 Datasheet HTML 11Page - OSRAM GmbH LO-5436 Datasheet HTML 12Page - OSRAM GmbH LO-5436 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2006-10-04
10
LS 5436, LO 5436, LY 5436
Maßzeichnung
9)
Seite 13
Package Outlines
9)
page 13
Kathodenkennung:
kürzerer Lötspieß
Cathode mark:
short solder lead
Gewicht / Approx. weight:
0.35 g
Empfohlenes Lötpaddesign
9)
Seite 13
Wellenlöten (TTW)
Recommended Solder Pad
9)
page 13
TTW Soldering
0.4 (0.016)
0.6 (0.024)
5.5 (0.217)
5.9 (0.232)
Area not flat
8.2 (0.323)
9.0 (0.354)
7.8 (0.307)
7.5 (0.295)
27.0 (1.063)
29.0 (1.142)
1.2 (0.047)
1.8 (0.071)
Cathode
GEXY6713
4 (0.157)
OHLPY985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com