| Electronic Components Datasheet Search |
|
VC-700 Datasheet(PDF) 4 Page - Vectron International, Inc |
|
|
|||||||||||||||||||||||||||||
VC-700 Datasheet(HTML) 4 Page - Vectron International, Inc |
|
4 / 6 page ![]() VC-700 Voltage Controlled Crystal Oscillator 4 Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com Absolute Maximum Ratings Parameter Symbol Ratings Unit Power Supply Output Current Voltage Control Range Storage Temperature Soldering Temp/Time Vcc lout VC TS TLS 0 to 6 25 0 to Vcc -55 to 125 220/10 V mA V ˚C ˚C/sec Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect device reliability. The VC-700 family is capable of meeting the following qualification tests: Reliability Although ESD protection circuitry has been designed into the VC-700 proper precautions should be taken when handling and mounting. VI employs a human body model and a charged-device model (CDM) for ESD susceptibility testing and design protection evaluation. Handling Precautions Parameter Mechanical Shock Mechanical Vibration Solderability Gross and Fine Leak Resistance to Solvents Human Body Model Charged Device Model 500 500 Conditions MIL-STD-883, Method 2002 MIL-STD-883, Method 2007 MIL-STD-883, Method 2003 MIL-STD-883, Method 1014 MIL-STD-883, Method 2015 Environmental Compliance MIL-STD 883, Method 3015 JESD 22-C101 Model Minimum Conditions ESD Ratings VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR reflow simulation. The conditions a device can withstand are well understood and devices can be subjected to the profile above. This profile shows a ramp up condition to prevent thermal shock, a preheat period in which the flux is activated, a ramp up to 183˚C which is the reflow temperature of Sn/Pb eutectic, and a gradual cool down. The time above 183˚C should not exceed 60 seconds and the peak temperature should be no more than 220˚C for 10 seconds. The VC-700’s are hermetically sealed so an aqueous wash is not an issue. 10188_VECTRON 05/21/03 3:14 PM Page 4 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |