Electronic Components Datasheet Search
  English  ▼

X  

VC-700 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VC-700
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-700 Datasheet(HTML) 3 Page - Vectron International, Inc

  VC-700 Datasheet HTML 1Page - Vectron International, Inc VC-700 Datasheet HTML 2Page - Vectron International, Inc VC-700 Datasheet HTML 3Page - Vectron International, Inc VC-700 Datasheet HTML 4Page - Vectron International, Inc VC-700 Datasheet HTML 5Page - Vectron International, Inc VC-700 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VC-700 Voltage Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
3
Pin Out
Tape and Reel (EIA-481-2-A)
Pin
Symbol
Function
1
2
3
4
5
6
Vc
N/C or OE
GND
Output
COutput
Vcc
VCXO Control Voltage
Output Disable
Enabled = PECL Logic 0 (or Open)
Disabled = PECL Logic 1
Case and Electrical Ground
Output
Complementary Output
Power Supply Voltage (3.3V or 5V)
Dimension
Tolerance
VC-700
W
Typ
16
F
Typ
7.5
Do
Typ
1.5
Po
Typ
4
P1
Typ
8
A
Typ
178
B
Min
1.5
C
Typ
13
D
Min
20.2
N
Min
50
W1
Typ
16.4
W2
Max
22.4
# Per
Reel
200
Outline Diagram
Pad Layout
Reel Dimension (mm)
Tape Dimensions (mm)
10188_VECTRON
05/21/03
3:14 PM
Page 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com