Electronic Components Datasheet Search
  English  ▼

X  

DCPDU Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # DCPDU
Description  DC POWER DISTRIBUTION UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

DCPDU Datasheet(HTML) 3 Page - Bel Fuse Inc.

  DCPDU Datasheet HTML 1Page - Bel Fuse Inc. DCPDU Datasheet HTML 2Page - Bel Fuse Inc. DCPDU Datasheet HTML 3Page - Bel Fuse Inc. DCPDU Datasheet HTML 4Page - Bel Fuse Inc. DCPDU Datasheet HTML 5Page - Bel Fuse Inc. DCPDU Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC PDU
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2018 Bel Power Solutions & Protection
BCD.00765_003
The table below shows a summary of the PDU input electrical characteristics and interfaces:
Nominal DC Input Voltage
54
VDC
Input Voltage Range
40
72
VDC
Input Current
15
A
Input Power Connectors
2x Molex Sabre
Rack Monitor Input
2x RJ45 input connectors connected from each power shelf
The table below shows a summary of the PDU output electrical characteristics and interfaces:
Output Connectors
2 pcs
2 pcs connected via right angle connectors on the PCB
Output Voltage Range
40
72
VDC
Output Current
15
A
Communication Connector
RJ45
LED Indicator
2 pcs to indicate that a valid 54 VDC nominal voltage is
present (40 to 72 VDC).
2.1 INPUT POWER CONNECTIONS
2x Input connectors - female Molex Saber 7.50 mm receptacle housing with a latch (44441-2003) with the Molex Sabre
crimp female terminal (43375-0001).
PIN
DESCRIPTION
1
+54 VDC (red)
2
RTN (black)
3
GND (green)
Figure 3. Molex 44441-2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com