Electronic Components Datasheet Search
  English  ▼

X  

DCPDU Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # DCPDU
Description  DC POWER DISTRIBUTION UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

DCPDU Datasheet(HTML) 1 Page - Bel Fuse Inc.

  DCPDU Datasheet HTML 1Page - Bel Fuse Inc. DCPDU Datasheet HTML 2Page - Bel Fuse Inc. DCPDU Datasheet HTML 3Page - Bel Fuse Inc. DCPDU Datasheet HTML 4Page - Bel Fuse Inc. DCPDU Datasheet HTML 5Page - Bel Fuse Inc. DCPDU Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bel Power Solutions DC Power Distribution Unit (PDU) is used to
distribute DC auxiliary power and monitoring signals in Open Racks.
This device is installed in an IT chassis and works in conjunction with
the OCP V2 Open Rack.
The DC supply voltage is distributed from the V2 Power Shelves and it
is used to supply the switches and a rack-monitoring device.
The monitoring signals are distributed from the V2 Power Shelves to
the rack-monitoring device.
•
Designed for V2 Power shelf
•
Input voltage range: 40 – 72 VDC , max 15 A (x2)
•
2x Power DC inputs
•
4x Power DC outputs
•
Different output power connector for higher flexibility
•
Interconnections for monitoring and communication signals to rack
monitor trough RJ45 connectors
•
Full compatibility with Open Compute project specification
•
Robust mechanical design
•
UL approved Link to OCP specification:
http://www.opencompute.org/wiki/Open_Rack/SpecsAndDesigns


Similar Part No. - DCPDU

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
826Kb / 7P
6 Watt DC/DC Power Converters
DCPDL06-12D05 WALL-DCPDL06-12D05 Datasheet
959Kb / 7P
6 Watt DC/DC Power Converters
DCPDL06-12D05 WALL-DCPDL06-12D05 Datasheet
826Kb / 7P
6 Watt DC/DC Power Converters
DCPDL06-12D12 WALL-DCPDL06-12D12 Datasheet
959Kb / 7P
6 Watt DC/DC Power Converters
More results

Similar Description - DCPDU

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CHD09122 DAICO-CHD09122 Datasheet
48Kb / 1P
Output Signal Distribution Unit
logo
Carling Technologies
LDC1-AL-05 CARLINGTECH-LDC1-AL-05 Datasheet
346Kb / 2P
LDC1-Series DC Secondary Power Distribution
logo
SG Micro Corp
SGM2036 SGMICRO-SGM2036 Datasheet
407Kb / 19P
DC-DC Power Management Unit
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
DC/DC Power Management Unit
logo
Cooper Bussmann, Inc.
TPS-1 COOPER-TPS-1_15 Datasheet
492Kb / 3P
DC power distribution non-indicating fuses
logo
Rosenberger Hochfrequen...
SLFDU004-06 ROSENBERGER-SLFDU004-06 Datasheet
287Kb / 2P
FTTA Fiber Distribution Unit
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
TPS DC non-indicating power distribution fuses
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
CPS-PWD-30AW24-01 CONTEC-CPS-PWD-30AW24-01 Datasheet
355Kb / 2P
24VDC AC-DC Power Supply Unit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com