Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 56 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 56 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 52Page - Exar Corporation XRT83SL314IB Datasheet HTML 53Page - Exar Corporation XRT83SL314IB Datasheet HTML 54Page - Exar Corporation XRT83SL314IB Datasheet HTML 55Page - Exar Corporation XRT83SL314IB Datasheet HTML 56Page - Exar Corporation XRT83SL314IB Datasheet HTML 57Page - Exar Corporation XRT83SL314IB Datasheet HTML 58Page - Exar Corporation XRT83SL314IB Datasheet HTML 59Page - Exar Corporation XRT83SL314IB Datasheet HTML 60Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.5
PRELIMINARY
51
7
0x07
RO
Reserved
FLSDET
CLOS5
CLOS4
CLOS3
CLOS2
CLOS1
CLOS0
8
0x08
R/W
Reserved
1SEG6
1SEG5
1SEG4
1SEG3
1SEG2
1SEG1
1SEG0
9
0x09
R/W
Reserved
2SEG6
2SEG5
2SEG4
2SEG3
2SEG2
2SEG1
2SEG0
10
0x0A
R/W
Reserved
3SEG6
3SEG5
3SEG4
3SEG3
3SEG2
3SEG1
3SEG0
11
0x0B
R/W
Reserved
4SEG6
4SEG5
4SEG4
4SEG3
4SEG2
4SEG1
4SEG0
12
0x0C
R/W
Reserved
5SEG6
5SEG5
5SEG4
5SEG3
5SEG2
5SEG1
5SEG0
13
0x0D
R/W
Reserved
6SEG6
6SEG5
6SEG4
6SEG3
6SEG2
6SEG1
6SEG0
14
0x0E
R/W
Reserved
7SEG6
7SEG5
7SEG4
7SEG3
7SEG2
7SEG1
7SEG0
15
0x0F
R/W
Reserved
8SEG6
8SEG5
8SEG4
8SEG3
8SEG2
8SEG1
8SEG0
Channel (1 - 13) Control Registers (0xN0 - 0xNF) See Channel 0
TABLE 23: MICROPROCESSOR REGISTER GLOBAL DESCRIPTION
REG
ADDR TYPE
D7
D6
D5
D4
D3
D2
D1
D0
Global Control Registers for All 14 Channels
224
0xE0
R/W
SR/DR
ATAOS
RCLKE
TCLKE
DATAP
Reserved
GIE
SRESET
225
0xE1
R/W
Reserved
Reserved
GAUGE1
GAUGE0
Reserved
RxMUTE
EXLOS
ICT
226
0xE2
R/W
Reserved
RxTCNTL
EQFLAG5
EQFLAG4
EQFLAG3
EQFLAG2
EQFLAG1
EQFLAG0
227
0xE3
R/W
Reserved
Reserved
Reserved
Reserved
SL1
SL0
EQG1
EQG0
228
0xE4
R/W
MCLKT1out1
MCLKT1out0
MCLKE1out1
MCLKE1out0
Reserved
Reserved
Reserved
Reserved
229
0xE5
R/W
LCV/OFLW
CNTRDEN
Reserved
Reserved
LCVCH3
LCVCH2
LCVCH1
LCVCH0
230
0xE6
R/W
Reserved
Reserved
Reserved
allRST
allUPDATE
BYTEsel
chUPDATE
chRST
231
0xE7
R/W
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
232
0xE8
RO
LCVCNT7
LCVCNT6
LCVCNT5
LCVCNT4
LCVCNT3
LCVCNT2
LCVCNT1
LCVCNT0
233
0xE9
R/W
Reserved
Reserved
ALLT1E1
TCLKCNL
CLKSEL3
CLKSEL2
CLKSEL1
CLKSEL0
234
0xEA
RUR
GCHIS7
GCHIS6
GCHIS5
GCHIS4
GCHIS3
GCHIS2
GCHIS1
GCHIS0
235
0xEB
RUR
Reserved
Reserved
GCHIS13
GCHIS12
GCHIS11
GCHIS10
GCHIS9
GCHIS8
244
0xF4
R/W
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
E1arben
R/W Registers Reserved for Testing (0xEC - 0xFD), Excluding 0xF4h
254
0xFE
RO
Device "ID"
255
0xFF
RO
Device "Revision ID"
TABLE 22: MICROPROCESSOR REGISTER CHANNEL DESCRIPTION
REG
ADDR TYPE
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com