Electronic Components Datasheet Search
  English  ▼

X  

ISL6567 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6567
Description  Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6567 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6567 Datasheet HTML 1Page - Renesas Technology Corp ISL6567 Datasheet HTML 2Page - Renesas Technology Corp ISL6567 Datasheet HTML 3Page - Renesas Technology Corp ISL6567 Datasheet HTML 4Page - Renesas Technology Corp ISL6567 Datasheet HTML 5Page - Renesas Technology Corp ISL6567 Datasheet HTML 6Page - Renesas Technology Corp ISL6567 Datasheet HTML 7Page - Renesas Technology Corp ISL6567 Datasheet HTML 8Page - Renesas Technology Corp ISL6567 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
FN9243 Rev 4.00
Page 1 of 26
August 9, 2011
FN9243
Rev 4.00
August 9, 2011
ISL6567
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
DATASHEET
The ISL6567 two-phase synchronous buck PWM control IC
provides a precision voltage regulation system for point-of-load
and other high-current applications requiring an efficient and
compact implementation. Multi-phase power conversion is a
marked departure from single phase converter configurations
employed to satisfy the increasing current demands of various
electronic circuits. By distributing the power and load current,
implementation of multi-phase converters utilize smaller and
lower cost transistors with fewer input and output capacitors.
These reductions accrue from the higher effective conversion
frequency with higher frequency ripple current resulting from
the phase interleaving inherent to this topology.
Outstanding features of this controller IC include an internal
0.6V reference with a system regulation accuracy of
0.6%, an
optional external reference input, and user-adjustable
switching frequency. Precision regulation is further enhanced
by the available unity-gain differential amplifier targeted at
remote voltage sensing capability, while output regulation is
monitored and its quality is reported via a PGOOD pin. Also
included is an internal shunt regulator with optional external
connection capability which extends the operational input
voltage range. For applications requiring voltage tracking or
sequencing, the ISL6567 offers a host of possibilities,
including coincidental, ratiometric, or offset tracking, as well
as sequential start-ups, user adjustable for a wide range of
applications.
Protection features of this controller IC include overvoltage
and overcurrent protection. Overvoltage results in the
converter turning the lower MOSFETs ON to clamp the rising
output voltage. The ISL6567 uses cost and space-saving
rDS(ON) sensing for channel current balance, dynamic voltage
positioning, and overcurrent protection. Channel current
balancing is automatic and accurate with the integrated
current-balance control system. Overcurrent protection can be
tailored to various application with no need for additional
parts.
Features
• Integrated Two-Phase Power Conversion
- Integrated 4A Drivers for High Efficiency
• Shunt Regulator for Wide Input Power Conversion
- 5V and Higher Bias
- Up to 20V Power-Down-Conversion
• Precision Channel Current Sharing
- Loss-Less Current Sampling - Uses rDS(ON)
• Precision Output Voltage Regulation
-
0.6% System Accuracy Over-Temperature (Commercial
Range)
• 0.6V Internal Reference
• Full Spectrum Voltage Tracking
- Coincidental, Ratiometric, or Offset
• Sequential Start-up Control
• Adjustable Switching Frequency
- 150kHz to 1.5MHz
• Fast Transient Recovery Time
• Unity-Gain Differential Amplifier
- Increased Voltage Sensing Accuracy
• Overcurrent Protection
• Overvoltage Protection
• Start-up into Pre-Charged Output
• Small, QFN Package Footprint
• Pb-Free (RoHS Compliant)
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6567CRZ
65 67CRZ 0 to +70 24 Ld 4x4 QFN L24.4x4C
ISL6567IRZ
65 67IRZ -40 to +85 24 Ld 4x4 QFN L24.4x4C
NOTE:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details
on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the Pb-
free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information
page for ISL6567. For more information on MSL please see
techbrief TB363.


Similar Part No. - ISL6567

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6567 INTERSIL-ISL6567 Datasheet
532Kb / 26P
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
ISL6567 INTERSIL-ISL6567 Datasheet
545Kb / 26P
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
May 28, 2009
ISL6567CRZ INTERSIL-ISL6567CRZ Datasheet
532Kb / 26P
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
ISL6567CRZ INTERSIL-ISL6567CRZ Datasheet
545Kb / 26P
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
May 28, 2009
ISL6567CRZ-T INTERSIL-ISL6567CRZ-T Datasheet
532Kb / 26P
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - ISL6567

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
February 10, 2006
ISL6567 INTERSIL-ISL6567_07 Datasheet
532Kb / 26P
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6567 INTERSIL-ISL6567 Datasheet
545Kb / 26P
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
May 28, 2009
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
July 28, 2008
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com