Electronic Components Datasheet Search
  English  ▼

X  

ISL6567 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL6567
Description  Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6567 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL6567 Datasheet HTML 16Page - Renesas Technology Corp ISL6567 Datasheet HTML 17Page - Renesas Technology Corp ISL6567 Datasheet HTML 18Page - Renesas Technology Corp ISL6567 Datasheet HTML 19Page - Renesas Technology Corp ISL6567 Datasheet HTML 20Page - Renesas Technology Corp ISL6567 Datasheet HTML 21Page - Renesas Technology Corp ISL6567 Datasheet HTML 22Page - Renesas Technology Corp ISL6567 Datasheet HTML 23Page - Renesas Technology Corp ISL6567 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
ISL6567
FN9243 Rev 4.00
Page 20 of 26
August 9, 2011
peak dependent on the quality factor (Q) of the output filter,
which is not shown. Using the above guidelines should yield a
compensation gain similar to the curve plotted. The open loop
error amplifier gain bounds the compensation gain. Check the
compensation gain at FP2 against the capabilities of the error
amplifier. The closed loop gain, GCL, is constructed on the
log-log graph of Figure 25 by adding the modulator gain, GMOD
(in dB), to the feedback compensation gain, GFB (in dB). This is
equivalent to multiplying the modulator transfer function and
the compensation transfer function and then plotting the
resulting gain. A stable control loop has a gain crossing with close
to a -20dB/decade slope and a phase margin greater than 45°.
Include worst case component variations when determining
phase margin. The mathematical model presented makes a
number of approximations and is generally not accurate at
frequencies approaching or exceeding half the switching
frequency. When designing compensation networks, select target
crossover frequencies in the range of 10% to 30% of the per-
channel switching frequency, FSW.
OUTPUT FILTER DESIGN
The output inductors and the output capacitor bank together
form a low-pass filter responsible for smoothing the square
wave voltage at the phase nodes. Additionally, the output
capacitors must also provide the energy required by a fast
transient load during the short interval of time required by the
controller and power train to respond. Because it has a low
bandwidth compared to the switching frequency, the output
filter limits the system transient response leaving the output
capacitor bank to supply the load current or sink the inductor
currents, all while the current in the output inductors increases
or decreases to meet the load demand.
In high-speed converters, the output capacitor bank is
amongst the costlier (and often the physically largest) parts of
the circuit. Output filter design begins with consideration of the
critical load parameters: maximum size of the load step,
I,
the load-current slew rate, di/dt, and the maximum allowable
output voltage deviation under transient loading,
VMAX.
Capacitors are characterized according to their capacitance,
ESR, and ESL (equivalent series inductance).
At the beginning of the load transient, the output capacitors
supply all of the transient current. The output voltage will
initially deviate by an amount approximated by the voltage
drop across the ESL. As the load current increases, the voltage
drop across the ESR increases linearly until the load current
reaches its final value. The capacitors selected must have
sufficiently low ESL and ESR so that the total output voltage
deviation is less than the allowable maximum. Neglecting the
contribution of inductor current and regulator response, the
output voltage initially deviates according to Equation 21.
The filter capacitor must have sufficiently low ESL and ESR so
that
V < VMAX.
Most capacitor solutions rely on a mixture of high-frequency
capacitors with relatively low capacitance in combination with
bulk capacitors having high capacitance but limited high-
frequency performance. Minimizing the ESL of the high-
frequency capacitors allows them to support the output
voltage as the current increases. Minimizing the ESR of the
bulk capacitors allows them to supply the increased current
with less output voltage deviation.
The ESR of the bulk capacitors is also responsible for the
majority of the output-voltage ripple. As the bulk capacitors
sink and source the inductor AC ripple current, a voltage
develops across the bulk-capacitor ESR equal to IPP. Thus,
once the output capacitors are selected and a maximum
allowable ripple voltage, VPP(MAX), is determined from an
analysis of the available output voltage budget, Equation 22
can be used to determine a lower limit on the output
inductance.
Since the capacitors are supplying a decreasing portion of the
load current while the regulator recovers from the transient,
the capacitor voltage becomes slightly depleted. The output
inductors must be capable of assuming the entire load current
before the output voltage decreases more than
VMAX. This
places an upper limit on inductance.
While Equation 23 addresses the leading edge, Equation 24
gives the upper limit on L for cases where the trailing edge of
the current transient causes a greater output voltage deviation
than the leading edge.
Normally, the trailing edge dictates the selection of L, if the
duty cycle is less than 50%. Nevertheless, both inequalities
should be evaluated, and L should be selected based on the
lower of the two results. In all equations in this paragraph, L is
the per-channel inductance and C is the total output bulk
capacitance.
0
FP1
FZ2
OPEN LOOP E/A GAIN
FZ1
FP2
FLC
FCE
COMPENSATION GAIN
FREQUENCY
MODULATOR GAIN
FIGURE 25. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
CLOSED LOOP GAIN
20
dMAX V
IN
VOSC
--------------------------------
log
20
R2
R1
--------


log
LOG
F0
GMOD
GFB
GCL
VESL
 di
dt
-----
ESR
 I
+
(EQ. 21)
LESR
VIN 2VOUT
–
 VOUT
fS VIN VPP MAX


----------------------------------------------------------
(EQ. 22)
L
4CVOUT

I

2
-----------------------------
VMAX IESR
–

(EQ. 23)
L
2.5 C
I

2
----------------
V
MAX
IESR
–
 V
IN
VO
–


(EQ. 24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com