Electronic Components Datasheet Search
  English  ▼

X  

ISL6752DBEVAL1Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6752DBEVAL1Z
Description  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6752DBEVAL1Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6752DBEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISL6752
FN9181 Rev 4.00
Page 13 of 18
August 1, 2016
Solve for the current sense resistor, RCS, using Equation 16.
RCS = 15.1Ω.
Determine the amount of voltage, Ve, that must be added to the
current feedback signal using Equation 13.
Ve = 153mV
Next, determine the effect of the magnetizing current from
Equation 18.
VCS = 91mV
Using Equation 21, solve for the summing resistor, R9, from
CTBUF to CS.
R9 = 30.1kΩ
Determine the new value of RCS, R’CS, using Equation 22.
R’CS = 15.4Ω
This discussion determines the minimum external ramp that is
required. Additional slope compensation may be considered for
design margin.
If the application requires dead time of less than about 500ns,
the CTBUF signal may not perform adequately for slope
compensation. CTBUF lags the CT sawtooth waveform by 300ns
to 400ns. This behavior results in a non-zero value of CTBUF
when the next half-cycle begins when the dead time is short.
Under these situations, slope compensation may be added by
externally buffering the CT signal as shown in Figure 10.
Using CT to provide slope compensation instead of CTBUF
requires the same calculations, except that Equations 20 and 21
require modification. Equation 20 becomes:
and Equation 21 becomes:
The buffer transistor used to create the external ramp from CT
should have a sufficiently high gain (>200) so as to minimize the
required base current. Whatever base current is required reduces
the charging current into CT and will reduce the oscillator
frequency.
ZVS Full-Bridge Operation
The ISL6752 is a full-bridge zero-voltage switching (ZVS) PWM
controller that behaves much like a traditional hard switched
topology controller. Rather than drive the diagonal bridge
switches simultaneously, the upper switches (OUTUL, OUTUR) are
driven at a fixed 50% duty cycle and the lower switches (OUTLL,
OUTLR) are pulse width modulated on the trailing edge.
To understand how the ZVS method operates, one must include
the parasitic elements of the circuit and examine a full switching
cycle.
Figure 12, the power semiconductor switches have been
replaced by ideal switch elements with parallel diodes and
capacitance, the output rectifiers are ideal, and the transformer
leakage inductance has been included as a discrete element.
The parasitic capacitance has been lumped together as switch
capacitance, but represents all parasitic capacitance in the
circuit including winding capacitance. Each switch is designated
by its position; Upper Left (UL), Upper Right (UR), Lower Left (LL),
and Lower Right (LR). The beginning of the cycle, shown in
FIGURE 10. ADDING SLOPE COMPENSATION USING CT
R6
C4
R9
RCS
CT
CT
CS
1
2
4
3
5
6
7
8
ISL6752
VREF
Ve VCS
–
2D R6
R6 R9
+
---------------------
=
V
(EQ. 23)
FIGURE 11. BRIDGE DRIVE SIGNAL TIMING
R9
2D Ve VCS
+
–
 R
6
Ve VCS
–
------------------------------------------------------------
=
(EQ. 24)
CT
DEAD TIME
OUTLL
OUTLR
OUTUR
OUTUL
RESDEL
WINDOW
RESONANT
DELAY
PWM
PWM
PWM
PWM
FIGURE 12. IDEALIZED FULL-BRIDGE
VIN+
VIN-
UL
LL
UR
LR
VOUT+
RTN
LL
D2
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com