Electronic Components Datasheet Search
  English  ▼

X  

ISL6752DBEVAL1Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6752DBEVAL1Z
Description  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6752DBEVAL1Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6752DBEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL6752
FN9181 Rev 4.00
Page 2 of 18
August 1, 2016
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
TEMP. RANGE (°C)
PACKAGE
(RoHS COMPLIANT)
PKG. DWG. #
ISL6752AAZA
ISL 6752AAZ
-40 to +105
16 Ld QSOP
M16.15A
ISL6752/54EVAL1Z
Evaluation Board
ISL6752DBEVAL1Z
Evaluation Board
NOTES:
1. Add “T” suffix for 2.5k unit Tape and Reel options. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6752. For more information on MSL, please see tech brief TB363
TABLE 1. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PARAMETERS
ISL6754
ISL6753
ISL6752
ISL6551
Topology
Zero-Voltage Switching (ZVS)
Zero-Voltage Switching (ZVS)
Zero-Voltage Switching
(ZVS)
Zero-Voltage-Switching
(ZVS)
Topology Characteristic
Full-bridge ZVS
Full-bridge ZVS
Full-bridge ZVS
Full-bridge ZVS
Control Mode
Peak current-mode or voltage
mode
Peak current-mode or voltage
mode
Peak current-mode
Peak current-mode
UVLO Rising (V)
8.75V
8.75V
8.75V
9.6V
UVLO Falling (V)
7V7V7V
8.6V
VBIAS (maximum)
20V
20V
20V
16V
No-Load Operating
Current
11mA (typica), 15.5mA
(maximum)
11mA (typical), 15.5mA
(maximum)
11mA (typical), 15.5mA
(maximum)
13mA
# of PWM Outputs
646
6
FET Driver IOUT
(maximum)
10mA
10mA
10mA
1A
Maximum Duty Cycle (%) 99
99
99
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com