Electronic Components Datasheet Search
  English  ▼

X  

MP6528 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP6528
Description  5V to 60V, H-Bridge Gate Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6528 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP6528 Datasheet HTML 9Page - Monolithic Power Systems MP6528 Datasheet HTML 10Page - Monolithic Power Systems MP6528 Datasheet HTML 11Page - Monolithic Power Systems MP6528 Datasheet HTML 12Page - Monolithic Power Systems MP6528 Datasheet HTML 13Page - Monolithic Power Systems MP6528 Datasheet HTML 14Page - Monolithic Power Systems MP6528 Datasheet HTML 15Page - Monolithic Power Systems MP6528 Datasheet HTML 16Page - Monolithic Power Systems MP6528 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
MP6528 – 5V TO 60V, H-BRIDGE GATE DRIVER
MP6528 Rev. 1.03
www.MonolithicPower.com
15
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Gate Drive Considerations
The
gate
characteristics
of
the
selected
MOSFETs will affect how fast they will be
switched and off. The gate drive outputs of the
device can be connected directly to the gates of
the power MOSFETs, which results in the fastest
possible turn-on and turn-off times. However, it
may
be
advantageous
to
add
external
components (resistors and/or diodes) to modify
the MOSFET turn-on and turn-off characteristics.
Adding external series resistance
– typically
between 10 and 100 ohms
– will limit the current
that charges and discharges the gate of the
MOSFET, which will slow down the turn-on and
turn-off times.
Sometimes this is desirable to
control EMI and noise.
Slowing the transition
down too much, however, results in large power
dissipation in the MOSFET during switching.
In some cases, it is desirable to have a slow turn-
on, but a fast turn-off. This can be implemented
by using a series resistor in parallel with a diode.
At turn-on, the resistor limits the current flow into
the gate; at turn-off, the gate is discharged
quickly through the diode.
RGHS
RGLS
1N4148
1N4148
This waveform below shows the gates of the LS
and HS MOSFETs, and the phase node (output)
with no series resistance. You can see that the
gates transition quickly. The resulting rise time
on the phase node is quite fast. Note the scale
of 100nS/div.
This waveform shows the effect of adding a
100
Ω series resistor between the GLA and GHA
pins and the MOSFET gates. Rise time on the
phase node has been slowed significantly. The
scale here is 200nS/div.
This waveform shows the effect of adding a
1N4148 diode in parallel with the 100Ω resistors
(with the cathode connected to the IC). You can
see that the fall time of the LS gate is quite fast
compared to the HS gate rise time. The phase
node moves even slower, because of a longer
period of time between when the LS FET is
turned off, and the HS FET is turned on.
PCB Layout
Proper PCB layout is critical to the performance
of MOSFET gate drivers.
In particular, the
connection between the HS source and LS drain
needs to be as direct as possible, to avoid
negative undershoot on the phase node due to
parasitic inductances. The pre-driver is designed
to accommodate negative undershoot, but if it is
excessive, unpredictable operation or damage to
the IC can result.
An example PCB layout (showing the MP6530,
which is a 3-channel part, but otherwise similar to
the MP6528) is shown below.
It uses surface
mount N-channel MOSFETs, which allows very



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com