Electronic Components Datasheet Search
  English  ▼

X  

MP6529GR Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6529GR
Description  5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6529GR Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6529GR Datasheet HTML 2Page - Monolithic Power Systems MP6529GR Datasheet HTML 3Page - Monolithic Power Systems MP6529GR Datasheet HTML 4Page - Monolithic Power Systems MP6529GR Datasheet HTML 5Page - Monolithic Power Systems MP6529GR Datasheet HTML 6Page - Monolithic Power Systems MP6529GR Datasheet HTML 7Page - Monolithic Power Systems MP6529GR Datasheet HTML 8Page - Monolithic Power Systems MP6529GR Datasheet HTML 9Page - Monolithic Power Systems MP6529GR Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP6529 – 5V TO 35V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6529 Rev. 1.0
www.MonolithicPower.com
6
10/26/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 24V, OC_REF = 0.5V, RDT = 200k, ENA = ENC = H, FPWMA = 20kHz, TA = 25°C,
resistor + inductor load: 5Ω + 1mH/phase with star connection, unless otherwise noted.
-50
-20
10
40
70
100 130
-50
-20
10
40
70
100 130
-50
-20
10
40
70
100 130
-50
-20
10
40
70
100 130
-50
-20
10
40
70
100 130
0.9
0.91
0.92
0.93
0.94
0.95
0.96
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
7.6
7.62
7.64
7.66
7.68
7.7
7.72
7.74
7.76
7.78
7.8
2.39
2.395
2.4
2.405
2.41
2.415
2.42
2.425
2.43
0.495
0.496
0.497
0.498
0.499
0.5
0.501
0.502
0.503
0.504
0.505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com