Electronic Components Datasheet Search
  English  ▼

X  

MP6529GR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6529GR
Description  5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6529GR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6529GR Datasheet HTML 1Page - Monolithic Power Systems MP6529GR Datasheet HTML 2Page - Monolithic Power Systems MP6529GR Datasheet HTML 3Page - Monolithic Power Systems MP6529GR Datasheet HTML 4Page - Monolithic Power Systems MP6529GR Datasheet HTML 5Page - Monolithic Power Systems MP6529GR Datasheet HTML 6Page - Monolithic Power Systems MP6529GR Datasheet HTML 7Page - Monolithic Power Systems MP6529GR Datasheet HTML 8Page - Monolithic Power Systems MP6529GR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP6529
5V to 35V, Three-Phase, Brushless
DC Motor Pre-Driver
MP6529 Rev. 1.0
www.MonolithicPower.com
1
10/26/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6529 is a gate driver IC designed for
three-phase,
brushless
DC
motor
driver
applications; it is capable of driving three half-
bridges consisting of six N-channel power
MOSFETs up to 35V.
The MP6529 uses a bootstrap capacitor to
generate a supply voltage for the high-side
MOSFET driver. An internal trickle-charge
circuit maintains a sufficient gate driver voltage
at 100% duty cycle.
Full protection features include programmable
over-current protection (OCP), adjustable dead-
time control, under-voltage lockout (UVLO), and
thermal shutdown.
The MP6529 is available in a 28-pin TSSOP
(9.7mmx6.4mm) package with an exposed
thermal pad and a 28-contact QFN (4mmx4mm)
package with an exposed thermal pad.
FEATURES
• Wide 5V to 35V Input Voltage Range
• Bootstrap Gate Driver with Trickle-Charge
Circuit Supports 100% Duty Cycle
Operation
• Low-Power Sleep Mode for Battery-
Powered Applications
• Programmable Over-Current Protection of
External MOSFETs
• Adjustable Dead-Time Control to Prevent
Shoot-Through
• Thermal Shutdown and UVLO Protection
• Fault Indication Output
• Thermally Enhanced Surface-Mount
Package
APPLICATIONS
• Three-Phase, Brushless DC Motors and
Permanent Magnet Synchronous Motors
• Power Drills
• Impact Drivers
• E-Cigar
• E-Bike
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP6529GR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6520GV MPS-MP6520GV Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6522 MPS-MP6522 Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
MP6522GU MPS-MP6522GU Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
MP6527 MPS-MP6527 Datasheet
1Mb / 24P
40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
9/23/2021 Rev. 1.0
More results

Similar Description - MP6529GR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
logo
Allegro MicroSystems
A4931 ALLEGRO-A4931_16 Datasheet
244Kb / 9P
3-Phase Brushless DC Motor Pre-Driver
A4938 ALLEGRO-A4938_16 Datasheet
247Kb / 10P
3-Phase Brushless DC Motor Pre-Driver
logo
Monolithic Power System...
EV6534-U-00A MPS-EV6534-U-00A Datasheet
368Kb / 6P
5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
EV6535-U-00A MPS-EV6535-U-00A Datasheet
343Kb / 6P
5V to 55V, Three-Phase Brushless DC Motor Pre-Driver With Buck Regulator Evaluation Board
EVKT6532 MPS-EVKT6532 Datasheet
838Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
EVKT6530 MPS-EVKT6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
MP6531A MPS-MP6531A Datasheet
1Mb / 18P
5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com