Electronic Components Datasheet Search
  English  ▼

X  

MP6529GF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6529GF
Description  5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6529GF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6529GF Datasheet HTML 1Page - Monolithic Power Systems MP6529GF Datasheet HTML 2Page - Monolithic Power Systems MP6529GF Datasheet HTML 3Page - Monolithic Power Systems MP6529GF Datasheet HTML 4Page - Monolithic Power Systems MP6529GF Datasheet HTML 5Page - Monolithic Power Systems MP6529GF Datasheet HTML 6Page - Monolithic Power Systems MP6529GF Datasheet HTML 7Page - Monolithic Power Systems MP6529GF Datasheet HTML 8Page - Monolithic Power Systems MP6529GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP6529 – 5V TO 35V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6529 Rev. 1.0
www.MonolithicPower.com
3
10/26/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
QFN-28 (4mmx4mm)
TSSOP-28 EP (9.7mmx6.4mm)
ABSOLUTE MAXIMUM RATINGS (1)
Input voltage (VIN) ...........................-0.3V to 40V
CPA ................................................-0.3V to 40V
CPB .............................................-0.3V to 12.5V
VREG..............................................-0.3V to 13V
BSTA/B/C .......................................-0.3V to 55V
GHA/B/C .........................................-0.3V to 55V
SHA/B/C .........................................-0.3V to 40V
GLA/B/C..........................................-0.3V to 13V
All other pins to AGND...................-0.3V to 6.5V
Continuous power dissipation (TA = +25°C)
(2)
QFN-28 (4mmx4mm)………………….…...2.9W
TSSOP-28 EP (9.7mmx6.4mm)………....3.9W
Storage temperature................ -55
°C to +150°C
Junction temperature ..............................+150
°C
Lead temperature (solder) ......................+260
°C
Recommended Operating Conditions
(3)
Input voltage (VIN) ...............................5V to 35V
OC_REF voltage (VOC) ...............0.125V to 2.4V
Operating junct. temp (TJ)........ -40°C to +125°C
Thermal Resistance
(4)
θJA θJC
QFN-28 (4mmx4mm)...........…...42.... .9 ... °C/W
TSSOP-28 EP (9.7mmx6.4mm)..32 ... .6 ... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com