Electronic Components Datasheet Search
  English  ▼

X  

MP6529GF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6529GF
Description  5V to 35V, Three-Phase, Brushless DC Motor Pre-Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6529GF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6529GF Datasheet HTML 1Page - Monolithic Power Systems MP6529GF Datasheet HTML 2Page - Monolithic Power Systems MP6529GF Datasheet HTML 3Page - Monolithic Power Systems MP6529GF Datasheet HTML 4Page - Monolithic Power Systems MP6529GF Datasheet HTML 5Page - Monolithic Power Systems MP6529GF Datasheet HTML 6Page - Monolithic Power Systems MP6529GF Datasheet HTML 7Page - Monolithic Power Systems MP6529GF Datasheet HTML 8Page - Monolithic Power Systems MP6529GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP6529 – 5V TO 35V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6529 Rev. 1.0
www.MonolithicPower.com
5
10/26/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 24V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Gate Drive
ID = 10mA
0.9
V
Bootstrap diode forward voltage
VFBOOT
ID = 100mA
1.3
V
V
IN = 5.5V-35V
10
11.5
12.8
VREG output voltage
VREG
V
IN = 5V
2xVIN-1
V
Maximum source current
IOSO
(5)
0.8
A
Maximum sink current
IOSI
(5)
1
A
Gate drive pull-up resistance
RUP
VDS = 1V
8
Ω
HS gate drive pull-down
resistance
RHS-DN
VDS = 1V
1.2
4.7
Ω
LS gate drive pull-down
resistance
RLS-DN
VDS = 1V
1
5.5
Ω
LS passive pull-down
resistance
RLS-PDN
590
kΩ
LS automatic turn-on time
tLS
1.8
µs
Charge pump frequency
fCP
110
kHz
Leave DT open
6
µs
RDT = 200kΩ
0.74
µs
Dead time
tDEAD
DT tied to GND
30
ns
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com