Electronic Components Datasheet Search
  English  ▼

X  

ATR2406 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR2406
Description  LOW IF .4 GHZ ISM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR2406 Datasheet HTML 2Page - ATMEL Corporation ATR2406 Datasheet HTML 3Page - ATMEL Corporation ATR2406 Datasheet HTML 4Page - ATMEL Corporation ATR2406 Datasheet HTML 5Page - ATMEL Corporation ATR2406 Datasheet HTML 6Page - ATMEL Corporation ATR2406 Datasheet HTML 7Page - ATMEL Corporation ATR2406 Datasheet HTML 8Page - ATMEL Corporation ATR2406 Datasheet HTML 9Page - ATMEL Corporation ATR2406 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
ATR2406 [Preliminary]
4779F–ISM–09/04
3.3
TX data filter clock
6 taps in filter
f
TXFCLK
6.912
MHz
3.4
Frequency deviation
GFFM_nom
±400
kHz
3.5
Frequency deviation scaling
GFFM = GFFM_nom
× GFCS
(see bus protocol D9 to D11)
GFCS
60
130
%
3.6
Frequency drift during a slot
∆fo (drift)
±10
kHz
3.7
Harmonics
2nd Harmonic
3rd Harmonic
BW = 100 kHz
(1)
-40.5
-46
dBc
dBc
3.8
Spurious Emission
30 - 1000 MHz
1 - 12.75 GHz
1.8 - 1.9 GHz
5.15 - 5.3 GHz
BW = 100 kHz
(1)
-40.5
-48
-70
-70
dBm
dBm
dBm
dBm
4
Receiver Part
4.1
Sensitivity
At input for BER
≤10-3
at 1152 kBit/s
(1)
-93
dBm
4.2
Third order input intercept point
IIP3
-15
dBm
4.3
Intermodulation rejection
BER < 10
-3, wanted at -83 dBm,
level of interferers in channels
N + 2 and N + 4
(1)
IM
3
32
dBc
4.4
Co-channel rejection
BER < 10
-3, wanted at -76 dBm(1)
R
CO
-11
dBc
4.5
Adjacent channel rejection
BER < 10
-3, wanted at -76 dBm,
adjacent level referred to wanted
channel level
(1)
±1.728 MHz
R
i (N-1)
4dBc
4.6
Bi-adjacent channel rejection
BER < 10
-3, wanted at -76 dBm, bi-
adjacent level referred to wanted
channel level
(1)
±3.456 MHz
R
i (N - 2)
30
dBc
4.7
Rejection with
≥ 3 channels
separation
BER < 10
-3, wanted at -76 dBm,
n
≥ 3 adjacent level referred to
wanted channel level
(1)
≥ ±5.128 MHz
R
i (n
≥ 3)
40
dBc
4.8
Out of band rejection > 6 MHz
BER < 10
-3, wanted at -83 dBm at
2.45 GHz
(1)
Bldf>6MHz
38
dBc
4.9
Out of band rejection
2300 MHz to 2394 MHz
2506 MHz to 2600 GHz
BER < 10
-3, wanted at -83 dBm at
2.45 GHz
(1)
Blnear
47
dBc
4.10
Out of band rejection
30 MHz to 2300 MHz
2600 MHz to 6 GHz
BER < 10
-3, wanted at -83 dBm at
2.45 GHz
(1)
Blfar
57
dBc
5
RSSI Part
5.1
Maximum RSSI output voltage
Under high RX input signal level
VRSSImax
2.1
V
Electrical Characteristics (Continued)
VS = 3.6 V with AUX regulator, Tamb = 25°C, unless otherwise specified
No.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Notes:
1. Measured and guaranteed only on the Atmel evaluation board, including PCB and balun filter.
2. Timing is determined by external loop filter characteristics. Faster timing can be achieved by modification of loop filter. For
further information refer to Application Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com