Electronic Components Datasheet Search
  English  ▼

X  

ISL9237 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL9237
Description  Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9237 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL9237 Datasheet HTML 1Page - Renesas Technology Corp ISL9237 Datasheet HTML 2Page - Renesas Technology Corp ISL9237 Datasheet HTML 3Page - Renesas Technology Corp ISL9237 Datasheet HTML 4Page - Renesas Technology Corp ISL9237 Datasheet HTML 5Page - Renesas Technology Corp ISL9237 Datasheet HTML 6Page - Renesas Technology Corp ISL9237 Datasheet HTML 7Page - Renesas Technology Corp ISL9237 Datasheet HTML 8Page - Renesas Technology Corp ISL9237 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
FN8723
Rev.5.00
Nov 29, 2017
ISL9237
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
DATASHEET
FN8723 Rev.5.00
Page 1 of 40
Nov 29, 2017
The ISL9237 is a buck-boost Narrow Output Voltage DC (NVDC)
charger utilizing Intersil’s advanced R3™ Technology to provide
high light-load efficiency, fast transient response and
seamless DCM/CCM transitions for a variety of mobile and
industrial applications.
In Charge mode, the ISL9237 takes input power from a wide
range of DC power sources (conventional AC/DC charger
adapters, USB PD ports, travel adapters, etc.) and safely
charges battery packs with up to 3 cells in a series
configuration.
ISL9237 supports On-the-Go (OTG) function for 2- and 3-cell
battery applications. When OTG function is enabled, the
ISL9237 operates in the reverse Buck mode to provide 5V at
the USB port.
As a NVDC topology charger, it also regulates the system
output to a narrow DC range for stable system bus voltage. The
system power can be provided from the adapter, battery or a
combination of both. The ISL9237 can operate with only a
battery, only an adapter or both connected. For Intel IMVP8
compliant systems, the ISL9237 includes PSYS functionality,
which provides an analog signal representing total platform
power. The PSYS output will connect to a wide range of Intersil
IMVP8 core regulators to provide an IMVP8 compliant power
domain function.
The ISL9237 has serial communication via SMBus/I2C that
allows programming of many critical parameters to deliver a
customized solution. These programming parameters include,
but are not limited to: Adapter current limit, charger current
limit, system voltage setting and trickle charging current limit.
Features
• Buck-boost NVDC charger for 1-, 2- or 3-cell Li-ion batteries
• Input voltage range 3.2V to 23.4V (no dead zone)
• System output voltage 2.4V to 13.824V
• System power monitor PSYS output, IMVP-8 compliant
•Up to 1MHz switching frequency
•LDO output for charger VDD
• Adapter current monitor (AMON)
• Battery discharging current monitor (BMON)
• PROCHOT# open-drain output, IMVP-8 compliant
• Allows trickle charging of depleted battery
• Optional ASGATE FET control
• Ideal diode control in Turbo mode
• Supports OTG function for 2- and 3-cell batteries
• SMBus and auto-increment I2C compatible
• Two-level adapter current limit available
• Pb-free (RoHS compliant)
• Package 4x4 32 Ld QFN
Applications
• Mobile devices with rechargeable batteries
• Industrial devices with rechargeable batteries
Related Literature
• For a full list of related documents please visit our web page
- ISL9237 product page
ISL9237
VBAT
CSOP
CSON
BGATE
ASGATE
PROCHOT#
ACIN
ACOK
GND
CSIP
CSIN
AMON/BMON
BATGONE
VADP
VBAT
VSYS
VSYS
OTGPG/CMOUT
ADP
OTGEN/CMIN
Q1
Q2
Q4
Q3
Rs1
Rs2
L1
OPTIONAL
FIGURE 1. TYPICAL APPLICATION CIRCUIT


Similar Part No. - ISL9237

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
ISL9237EVAL2Z INTERSIL-ISL9237EVAL2Z Datasheet
864Kb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
ISL9237HRZ INTERSIL-ISL9237HRZ Datasheet
864Kb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
More results

Similar Description - ISL9237

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL95538B RENESAS-ISL95538B Datasheet
277Kb / 3P
Buck-Boost Narrow VDC Battery Charger for Power Bank Application with SMBus Interface and USB OTG
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
ISL9538C RENESAS-ISL9538C Datasheet
169Kb / 3P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Aug 19, 2021
ISL95538B RENESAS-ISL95538B_V01 Datasheet
209Kb / 3P
Buck-Boost Narrow VDC Battery Charger for Power Bank Application with SMBus Interface and USB OTG
Jan 23, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com