Electronic Components Datasheet Search
  English  ▼

X  

ISL9237 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ISL9237
Description  Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9237 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ISL9237 Datasheet HTML 24Page - Renesas Technology Corp ISL9237 Datasheet HTML 25Page - Renesas Technology Corp ISL9237 Datasheet HTML 26Page - Renesas Technology Corp ISL9237 Datasheet HTML 27Page - Renesas Technology Corp ISL9237 Datasheet HTML 28Page - Renesas Technology Corp ISL9237 Datasheet HTML 29Page - Renesas Technology Corp ISL9237 Datasheet HTML 30Page - Renesas Technology Corp ISL9237 Datasheet HTML 31Page - Renesas Technology Corp ISL9237 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ISL9237
FN8723 Rev.5.00
Page 28 of 40
Nov 29, 2017
When the OTG function is enabled with SMBus command and
OTGEN pin, and if battery voltage VBAT is higher than 5.8V,
ISL9237 operates in the reverse Buck mode, Q4, Q3 and L1
consists of the reverse buck regulator, Q1 is turned on and Q2 is
turned off. For reverse buck, there is one digital bit to control
ASGATE. OTG mode is not available for 1-cell battery systems.
The ISL9237 connects the system voltage rail to either the
output of the buck-boost switcher or the battery. In Turbo event,
the ISL9237 will turn on the BGATE FET to discharge the battery
so the battery works with the adapter together to supply the
system power.
Soft-Start
The ISL9237 includes a low power LDO with nominal 4V output,
which input is OR-ed from pins VBAT and ADP. The ISL9237 also
includes a high power LDO with nominal 5V output, which input is
from the DCIN pin connected to the adapter and the system bus
through an external OR-ing diode circuit. Both LDO outputs are tied
to the VDD pin to provide the bias power and gate drive power for
ISL9237. VDDP pin is the ISL9237 gate drive power supply input.
Use an R-C filter to generate the VDDP pin voltage from the VDD
pin voltage.
When VDD > 2.7V, the ISL9237 digital block is activated and the
SMBus register is ready to communicate with the master
controller.
When VADP > 3.2V, after 1.3s or 150ms debounce time set by
Control2 register Bit<11> (after VDD POR, for the first time
adapter plugged in, the ASGATE turn on delay is always 150ms),
ASGATE starts turning on with 10µA sink current. During the 1.3s
or 150ms debounce time, ISL9237 uses ‘Intersil’s patent pending
technique to check if the input bus is short or not; if CSIP < 2V or
ACIN < 0.8V, ASGATE will not turn on. The soft-start scheme will
carefully bias up the input capacitors and protect the back-to-back
ASGATE FETs against potential damage caused by the inrush
current.
Use a voltage divider from the adapter voltage to set the ACIN pin
voltage. The ISL9237 monitors the ACIN pin voltage to determine
the presence of the adapter. Once VDD > 3.8V, the ACIN pin
voltage exceeds 0.8V and ASGATE is fully turned on, the ISL9237
will allow the external circuit to pull up the ACOK pin. Once ACOK is
asserted, ISL9237 will start switching.
ACOK is an open-drain output pin indicating the presence of the
adapter and readiness of the adapter to supply power to the
system bus. The ISL9237 actively pulls ACOK low in the absence of
the adapter.
Before ASGATE turns ON, the ISL9237 will source 10µA of current
out of the PROG pin and read the pin voltage to determine the
PROG resistor value. The PROG resistor programs the
configurations of the ISL9237.
In battery only mode, ISL9237 enters Low Power mode if only
battery is present. VDD is 4V from the low power LDO to minimize
the power consumption. VDD becomes 5V once it exits the Low
Power mode such as when PSYS is enabled.
Programming Charger Option
The resistor from the PROG pin to GND programs the configuration
of the ISL9237 for the default number of battery cells in series, the
default switching frequency and the default AdapterCurrentLimit1
register value. AdapterCurrentLimit2 register default value is 1.5A.
Table 18 shows the programing options.
ISL9237 will use the default number of cells in series as Table 18
shows and sets the default MaxSystemVoltage register value and
default MinSystemVoltage register value accordingly.
94 %
12 0%
1 06%
80%
VS YS
V ADP
V ADP
BU CK-BO O S T
BU CK
B OOS T
BO O S T
BU CK-BO O S T
BU CK
FIGURE 31. OPERATION MODE
TABLE 18. PROG PIN PROGRAMMING OPTIONS
PROG-PIN
RESISTOR (kΩ)
BATTERY
CELL
NUMBER
DEFAULT
SWITCHING
FREQUENCY
DEFAULT
AdapterCurrent
Limit1 Register
(A)
MIN
VALUE
1%
MAX
0
1-cell
733kHz
0.1
16.6
16.9
17.2
0.476
31.1
31.6
32.1
1.5
43.5
44.2
44.9
1MHz
0.476
58.1
59
59.9
1.5
72.1
73.2
74.3
0.1
85.3
86.6
87.9
2-cell
733kHz
0.1
101
102
103
0.476
113.9
115
116.2
1.5
128.7
130
131.3
1MHz
0.476
141.6
143
144.4
1.5
156.4
158
159.6
3-cell
733kHz
0.1
172.3
174
175.7
0.476
185.1
187
188.9
1.5
201
203
(Note 8)
205
1MHz
0.476
218.8
221
223.2
1.5
NOTE:
8. 203kΩ is not standard resistor; use two resistors in series or in parallel
to get the closest value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com