Electronic Components Datasheet Search
  English  ▼

X  

330273U6R3JS2 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 330273U6R3JS2
Description  High Ripple and Ultra-Long Life
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

330273U6R3JS2 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  330273U6R3JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 330273U6R3JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 330273U6R3JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 330273U6R3JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 330273U6R3JS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 330273U6R3JS2 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Type330–55°Cto105°CUltra-Long-Life,SwitchingPowerGradeRadial
Type330–55°Cto105°CUltra-Long-Life,SwitchingPowerGradeRadial
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com
Typical Performance Curve
Ratings
Cap.
Catalog
(µF)
Part Number
ESR Max.
Ripple Amps,
25 ºC
Max. 85 ºC
120 Hz
20 kHz 120 Hz
20 kHz
(mΩ)
(mΩ)
(A)
(A)
Nominal
Size
D X L
(in)
6.3 Vdc (9 Vdc Surge)
15000 330153U6R3GT2
15000 330R153U6R3GT2
15000 330153U6R3HP2
15000 330R153U6R3HP2
18000 330183U6R3JL2
26.6
15.1
7.10
8.86
23.0
13.1
7.62
9.52
27.1
16.5
6.57
7.93
19.5
11.3
7.75
9.60
29.6
20.1
6.08
6.95
0.77 X 3.65
0.77 X 3.65
0.895 X 2.65
0.895 X 2.65
1.02 X 2.15
18000 330R183U6R3JL2
22000 330223U6R3HS2
22000 330R223U6R3HS2
22000 330223U6R3JP2
22000 330R223U6R3JP2
19.1
10.9
7.57
9.45
22.4
13.7
7.88
9.51
15.9
9.2
9.35
11.60
23.0
15.6
7.66
8.75
14.7
8.4
9.59
12.00
1.02 X 2.15
0.895 X 3.15
0.895 X 3.15
1.02 X 2.65
1.02 X 2.65
27000 330273U6R3HT2
27000 330R273U6R3HT2
27000 330273U6R3JS2
27000 330R273U6R3JS2
33000 330333U6R3JT2
19.4
11.9
9.04
10.90
13.6
7.9
10.80
13.40
19.2
13.0
9.11
10.40
15.1
8.6
10.30
12.80
16.7
11.4
10.50
12.00
0.895 X 3.65
0.895 X 3.65
1.02 X 3.15
1.02 X 3.15
1.02 X 3.65
33000 330R333U6R3JT2
10.4
5.9
13.30
16.60
1.02 X 3.65
7.5 Vdc (10 Vdc Surge)
12000 330123U7R5GT2
12000 330R123U7R5GT2
15000 330153U7R5HP2
15000 330R153U7R5HP2
15000 330153U7R5JL2
27.2
15.0
7.01
8.91
23.6
13.0
7.53
9.57
27.7
16.6
6.50
7.91
20.0
11.0
7.65
9.73
30.1
19.9
6.02
6.99
0.77 X 3.65
0.77 X 3.65
0.895 X 2.65
0.895 X 2.65
1.02 X 2.15
15000 330R153U7R5JL2
18000 330183U7R5HS2
18000 330R183U7R5HS2
22000 330223U7R5HT2
22000 330R223U7R5HT2
19.6
10.9
7.47
9.41
22.9
13.8
7.79
9.48
16.3
9.0
9.23
11.74
19.8
11.9
8.95
10.89
13.9
7.7
10.70
13.60
1.02 X 2.15
0.895 X 3.15
0.895 X 3.15
0.895 X 3.65
0.895 X 3.65
22000 330223U7R5JP2
22000 330R223U7R5JP2
27000 330273U7R5JS2
27000 330R273U7R5JS2
23.4
15.5
7.59
8.80
15.0
8.4
9.47
11.90
19.5
12.9
9.03
10.50
15.5
8.7
10.10
12.80
1.02 X 2.65
1.02 X 2.65
1.02 X 3.15
1.02 X 3.15
ESR Max.
Ripple Amps,
25 ºC
Max. 85 ºC
120 Hz
20 kHz 120 Hz
20 kHz
Cap.
Catalog
(µF)
Part Number
(mΩ)
(mΩ)
(A)
(A)
Nominal
Size
D X L
(in)
7.5 Vdc (10 Vdc Surge) (cont'd.)
33000 330333U7R5JT2
17.0
11.2
10.40
12.10
33000 330R333U7R5JT2
10.6
5.9
13.10
16.60
1.02 X 3.65
1.02 X 3.65
10 Vdc (15 Vdc Surge)
12000 330123U010GT2
28.3
15.0
6.88
8.91
12000 330R123U010GT2
24.5
13.0
7.39
9.57
12000 330123U010HP2
28.7
16.6
6.39
7.91
12000 330R123U010HP2
20.8
11.5
7.49
9.53
12000 330123U010JL2
31.0
19.9
5.93
6.99
0.77 X 3.65
0.77 X 3.65
0.895 X 2.65
0.895 X 2.65
1.02 X 2.15
12000 330R123U010JL2
20.3
11.4
7.33
9.23
15000 330153U010HS2
23.7
13.7
7.66
9.49
15000 330R153U010HS2
17.0
9.3
9.05
11.50
18000 330183U010HT2
20.5
11.9
8.81
10.90
18000 330R183U010HT2
14.5
8.0
10.50
13.30
1.02 X 2.15
0.895 X 3.15
0.895 X 3.15
0.895 X 3.65
0.895 X 3.65
18000 330183U010JP2
24.1
15.4
7.48
8.81
18000 330R183U010JP2
15.6
8.7
9.29
11.70
22000 330223U010JS2
20.1
12.8
8.90
10.50
22000 330R223U010JS2
16.1
9.0
9.94
12.50
27000 330273U010JT2
17.5
11.2
10.30
12.10
1.02 X 2.65
1.02 X 2.65
1.02 X 3.15
1.02 X 3.15
1.02 X 3.65
27000 330R273U010JT2
11.0
6.2
12.90
16.30
1.02 X 3.65
16 Vdc (25 Vdc Surge)
10000 330103U016GT2
29.2
14.9
6.77
8.94
10000 330R103U016GT2
25.3
12.9
7.27
9.60
10000 330103U016HP2
29.5
17.1
6.30
7.79
10000 330R103U016HP2
21.6
11.9
7.36
9.36
10000 330103U016JL2
31.8
19.7
5.86
7.01
0.77 X 3.65
0.77 X 3.65
0.895 X 2.65
0.895 X 2.65
1.02 X 2.15
10000 330R103U016JL2
21.0
11.1
7.21
9.33
12000 330123U016HS2
24.4
14.1
7.55
9.35
12000 330R123U016HS2
17.6
9.7
8.89
11.30
15000 330153U016HT2
21.1
12.2
8.69
10.80
15000 330R153U016HT2
15.0
8.2
10.30
13.10
1.02 X 2.15
0.895 X 3.15
0.895 X 3.15
0.895 X 3.65
0.895 X 3.65
15000 330153U016JP2
24.7
15.3
7.39
8.85
1.02 X 2.65



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com