Electronic Components Datasheet Search
  English  ▼

X  

330273U6R3JS2 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 330273U6R3JS2
Description  High Ripple and Ultra-Long Life
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

330273U6R3JS2 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  330273U6R3JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 330273U6R3JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 330273U6R3JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 330273U6R3JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 330273U6R3JS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 330273U6R3JS2 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Type330–55°Cto105°CUltra-Long-Life,SwitchingPowerGradeRadial
Type330–55°Cto105°CUltra-Long-Life,SwitchingPowerGradeRadial
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com
ESR Max.
Ripple Amps,
25 ºC
Max. 85 ºC
Cap.
Catalog
120 Hz
20 kHz 120 Hz
20 kHz
(µF)
Part Number
(mΩ)
(mΩ)
(A)
(A)
Nominal
Size
D X L
(in)
75 Vdc (100 Vdc Surge) (cont'd.)
1800 330R182U075GT2
54.3
23.4
4.96
7.13
2200 330222U075HP2
60.6
27.9
4.39
6.11
2200 330R222U075HP2
48.5
20.9
4.91
7.06
2200 330222U075JL2
60.8
30.4
4.24
5.65
2200 330R222U075JL2
46.2
20.3
4.86
6.91
0.77 X 3.65
0.895 X 2.65
0.895 X 2.65
1.02 X 2.15
1.02 X 2.15
2700 330272U075HS2
49.2
22.6
5.32
7.39
2700 330R272U075HS2
39.1
16.8
5.96
8.57
2700 330272U075HT2
41.8
19.2
6.17
8.58
2700 330R272U075HT2
32.9
14.2
6.95
9.99
2700 330272U075JP2
46.4
23.2
5.39
7.18
0.895 X 3.15
0.895 X 3.15
0.895 X 3.65
0.895 X 3.65
1.02 X 2.65
2700 330R272U075JP2
35.0
15.4
6.21
8.82
3300 330332U075JS2
37.9
19.0
6.47
8.63
3300 330R332U075JS2
28.3
12.5
7.49
10.60
3900 330392U075JT2
32.4
16.2
7.53
10.00
3900 330R392U075JT2
23.9
10.5
8.76
12.40
1.02 X 2.65
1.02 X 3.15
1.02 X 3.15
1.02 X 3.65
1.02 X 3.65
100 Vdc (140 Vdc Surge)
820 330821U100GT2
99.5
37.8
3.67
5.61
820 330R821U100GT2
86.2
32.8
3.94
6.02
1000 330102U100HP2
94.7
36.0
3.51
5.38
1000 330R102U100HP2
78.1
29.7
3.87
5.92
1000 330102U100JL2
92.7
37.1
3.43
5.12
0.77 X 3.65
0.77 X 3.65
0.895 X 2.65
0.895 X 2.65
1.02 X 2.15
1000 330R102U100JL2
73.8
28.8
3.85
5.81
1200 330122U100HS2
76.5
29.1
4.26
6.52
1200 330R122U100HS2
62.8
23.9
4.71
7.20
1200 330122U100HT2
64.5
24.5
4.96
7.59
1200 330R122U100HT2
52.6
20.0
5.50
8.41
1.02 X 2.15
0.895 X 3.15
0.895 X 3.15
0.895 X 3.65
0.895 X 3.65
1200 330122U100JP2
70.3
28.1
4.38
6.53
1200 330R122U100JP2
55.7
21.7
4.92
7.43
1500 330152U100JS2
57.0
22.8
5.28
7.87
1500 330R152U100JS2
44.9
17.5
5.95
8.99
1.02 X 2.65
1.02 X 2.65
1.02 X 3.15
1.02 X 3.15
ESR Max.
Ripple Amps,
25 ºC
Max. 85 ºC
Cap.
Catalog
120 Hz
20 kHz 120 Hz
20 kHz
(µF)
Part Number
(mΩ)
(mΩ)
(A)
(A)
Nominal
Size
D X L
(in)
100 Vdc (140 Vdc Surge) (cont'd.)
2200 330222U100JT2
48.3
19.3
6.17
9.19
2200 330R222U100JT2
37.7
14.7
6.97
10.50
1.02 X 3.65
1.02 X 3.65
160 Vdc (200 Vdc Surge)
330 330331T160GT2
306
116
2.09
3.20
390 330391T160HP2
268
102
2.09
3.19
390 330391T160JL2
278
111
1.98
2.95
470 330471T160HS2
226
85.7
2.48
3.80
470 330471T160JP2
228
91.4
2.43
3.62
0.77 X 3.65
0.895 X 2.65
1.02 X 2.15
0.895 X 3.15
1.02 X 2.65
560 330561T160HT2
189
71.8
2.90
4.44
560 330561T160JS2
184
73.5
2.94
4.39
680 330681T160JT2
154
61.6
3.45
5.15
0.895 X 3.65
1.02 X 3.15
1.02 X 3.65
200 Vdc (250 Vdc Surge)
330 330331T200GT2
384
177
1.87
2.59
330 330331T200HP2
358
165
1.81
2.51
390 330391T200HS2
288
132
2.20
3.06
390 330391T200JL2
339
156
1.79
2.49
470 330471T200HT2
240
111
2.57
3.57
0.77 X 3.65
0.895 X 2.65
0.895 X 3.15
1.02 X 2.15
0.895 X 3.65
470 330471T200JP2
255
117
2.30
3.19
560 330561T200JS2
205
94.4
2.78
3.87
680 330681T200JT2
172
79.1
3.27
4.54
1.02 X 2.65
1.02 X 3.15
1.02 X 3.65
250 Vdc (300 Vdc Surge)
270 330271T250GT2
455
191
1.72
2.50
270 330271T250HP2
423
178
1.66
2.42
270 330271T250JL2
400
168
1.65
2.40
330 330331T250HS2
340
143
2.02
2.94
390 330391T250HT2
284
119
2.37
3.44
0.77 X 3.65
0.895 X 2.65
1.02 X 2.15
0.895 X 3.15
0.895 X 3.65
390 330391T250JP2
301
126
2.12
3.08
470 330471T250JS2
242
102
2.56
3.73
560 330561T250JT2
202
85.0
3.01
4.38
1.02 X 2.65
1.02 X 3.15
1.02 X 3.65



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com