Electronic Components Datasheet Search
  English  ▼

X  

LT1794CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LT1794CSW
Description  Dual 500mA, 200MHz xDSL Line Driver Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1794CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1794CSW Datasheet HTML 7Page - Linear Technology LT1794CSW Datasheet HTML 8Page - Linear Technology LT1794CSW Datasheet HTML 9Page - Linear Technology LT1794CSW Datasheet HTML 10Page - Linear Technology LT1794CSW Datasheet HTML 11Page - Linear Technology LT1794CSW Datasheet HTML 12Page - Linear Technology LT1794CSW Datasheet HTML 13Page - Linear Technology LT1794CSW Datasheet HTML 14Page - Linear Technology LT1794CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1794
Figure 7. IQ vs ILOAD
APPLICATIO S I FOR ATIO
ILOAD (mA)
–240
–200
–160
–120
–80
–40
0
40
80
120
160
200
240
10
15
20
1794 F07
5
0
25
With no signal being placed on the line and the amplifier
biased for 10mA per amplifier supply current, the quies-
cent driver power dissipation is:
PDQ = 24V • 20mA = 480mW
This can be reduced in many applications by operating
with a lower quiescent current value.
When driving a load, a large percentage of the amplifier
quiescent current is diverted to the output stage and
becomes part of the load current. Figure 7 illustrates the
total amount of biasing current flowing between the + and
– power supplies through the amplifiers as a function of
load current. As much as 60% of the quiescent no load
operating current is diverted to the load.
At full power to the line the driver power dissipation is:
PD(FULL) = 24V • 8mA + (12V – 2VRMS) • 57mARMS
+ [|–12V – (– 2VRMS)|] • 57mARMS
PD(FULL) = 192mW + 570mW + 570mW = 1.332W
The junction temperature of the driver must be kept less
than the thermal shutdown temperature when processing
a signal. The junction temperature is determined from the
following expression:
TJ = TAMBIENT (°C) + PD(FULL) (W) • θJA (°C/W)
θJA is the thermal resistance from the junction of the
LT1794 to the ambient air, which can be minimized by
heat-spreading PCB metal and airflow through the enclo-
sure as required. For the example given, assuming a
maximum ambient temperature of 85
°C and keeping the
junction temperature of the LT1794 to 140
°C maximum,
the maximum thermal resistance from junction to ambient
required is:
θJA MAX
CC
W
CW
()
–
.
./
=
°° =°
140
85
1 332
41 3
Heat Sinking Using PCB Metal
Designing a thermal management system is often a trial
and error process as it is never certain how effective it is
until it is manufactured and evaluated. As a general rule,
the more copper area of a PCB used for spreading heat
away from the driver package, the more the operating
junction temperature of the driver will be reduced. The
limit to this approach however is the need for very com-
pact circuit layout to allow more ports to be implemented
on any given size PCB.
Fortunately xDSL circuit boards use multiple layers of
metal for interconnection of components. Areas of metal
beneath the LT1794 connected together through several
small 13 mil vias can be effective in conducting heat away
from the driver package. The use of inner layer metal can
free up top and bottom layer PCB area for external compo-
nent placement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com