Electronic Components Datasheet Search
  English  ▼

X  

LT1794CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LT1794CSW
Description  Dual 500mA, 200MHz xDSL Line Driver Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1794CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1794CSW Datasheet HTML 8Page - Linear Technology LT1794CSW Datasheet HTML 9Page - Linear Technology LT1794CSW Datasheet HTML 10Page - Linear Technology LT1794CSW Datasheet HTML 11Page - Linear Technology LT1794CSW Datasheet HTML 12Page - Linear Technology LT1794CSW Datasheet HTML 13Page - Linear Technology LT1794CSW Datasheet HTML 14Page - Linear Technology LT1794CSW Datasheet HTML 15Page - Linear Technology LT1794CSW Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1794
EXAMPLE A
θJA = 40°C/W
13MIL VIAS USED: 30
EXAMPLE B
θJA = 47°C/W
13MIL VIAS USED: 35
EXAMPLE C
θJA = 51°C/W
13MIL VIAS USED: 32
EXAMPLE D
θJA = 60°C/W
13MIL VIAS USED: 22
TOPOLOGY
TOP LAYER
2nd LAYER
3rd LAYER
BOTTOM LAYER
VIA PATTERN
1794 F08
SCALE:
1 INCH
APPLICATIO S I FOR ATIO
Figure 8. Examples of PCB Metal Used for Heat Dissipation. LT1794IFE Driver Mounted on Top Layer.
Heat Sink Pad Soldered to Top Layer Metal. External Components Mounted on Bottom Layer
Figure 8 shows four examples of PCB metal being used for
heat spreading. These are provided as a reference for what
might be expected when using different combinations of
metal area on different layers of a PCB. These examples are
with a 4-layer board using 1oz copper on each. The most
effective layers for spreading heat are those closest to the
LT1794 junction. The LT1794IFE is used because the
small TSSOP package is most effective for very compact
line driver designs. This package also has an exposed
metal heat sinking pad on the bottom side which, when
soldered to the PCB top layer metal, directly conducts heat
away from the IC junction. Soldering the thermal pad to the
board produces a thermal resistance from junction to
case,
θJC, of approximately 3°C/W.
Example A utilizes the most total metal area and provides
the lowest thermal resistance. Example B however uses
less metal on the top and bottom layers and still achieves
reasonable thermal performance. For the most compact
board design, inner layer metal can be used for heat
dissipation. This is shown in examples C and D where
minimum metal is used on the top and none on the bottom
layers, only the 2nd and 3rd layers have a heat-conducting
plane. Example C, with the larger metal areas performs
better.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com