Electronic Components Datasheet Search
  English  ▼

X  

29L103C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # 29L103C
Description  Shielded Surface Mount Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

29L103C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  29L103C Datasheet HTML 1Page - Murata Power Solutions Inc. 29L103C Datasheet HTML 2Page - Murata Power Solutions Inc. 29L103C Datasheet HTML 3Page - Murata Power Solutions Inc. 29L103C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KMP_2900LC_C02 Page 3 of 4
2900L Series
Shielded Surface Mount Inductors
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
Mechanical Dimensions
* Distance between the outside ends of the terminations is 6.6±1.5 (0.26±0.06)
Unless otherwise stated, all dimensions in mm (inches) ± 0.25 (0.010).
Package weight: 0.5g Typ.
2.0 (0.079) Ref.
2.6 (0.102) Ref.
Recommended Footprint Details*
7.2 (0.283) Max.
102C
3.15 (0.124) Max.
7.2 (0.283) Max.
2.1± 0.1
(0.083±0.004)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com